Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91119 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE91119 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE91119
Download  PE91119 Download
File Size   504.85 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 1.0mm Female to 1.85mm Male Adapter

PE91119 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE91119 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE91119
Download  PE91119 Click to download

File Size   504.85 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 1.0mm Female to 1.85mm Male Adapter

PE91119 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE91119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
Maximum Insertion Loss
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
Maximum Insertion Loss
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
More results


Similar Description - PE91119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9665 PASTERNACK-PE9665 Datasheet
250Kb / 2P
Precision 2.92mm Female to 1.85mm Male Adapter
PE9666 PASTERNACK-PE9666 Datasheet
249Kb / 3P
Precision 2.92mm Male to 1.85mm Female Adapter
PE9674 PASTERNACK-PE9674 Datasheet
84Kb / 1P
1.85mm FEMALE TO 2.4mm MALE PRECISION ADAPTER
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9728 PASTERNACK-PE9728 Datasheet
254Kb / 2P
Precision SMA Male to 1.85mm Female Adapter
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
Precision 3.5mm Male to 1.85mm Female Adapter
PE9762 PASTERNACK-PE9762 Datasheet
256Kb / 3P
Precision 1.85mm Male to SSMA Female Adapter
PE91108 PASTERNACK-PE91108 Datasheet
503Kb / 3P
Precision 1.0mm Male to 1.85mm Female Adapter
PE91109 PASTERNACK-PE91109 Datasheet
249Kb / 3P
Precision 1.0mm Female to 1.85mm Female Adapter
PE91118 PASTERNACK-PE91118 Datasheet
250Kb / 3P
Precision 1.0mm Male to 1.85mm Male Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com