Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91060 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE91060 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE91060
Download  PE91060 Download
File Size   456.38 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 2.92mm Female to SMP Female Adapter

PE91060 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE91060 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE91060
Download  PE91060 Click to download

File Size   456.38 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 2.92mm Female to SMP Female Adapter

PE91060 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE91060

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9106 PASTERNACK-PE9106 Datasheet
255Kb / 3P
BNC Female to BNC Female 4 Hole Flange Adapter
PE91061 PASTERNACK-PE91061 Datasheet
460Kb / 3P
Precision SMA Female to SMP Male 2 Hole Flange Adapter Smooth Bore
PE91062 PASTERNACK-PE91062 Datasheet
458Kb / 3P
Precision SMA Male to Mini SMP Female Adapter
PE91063 PASTERNACK-PE91063 Datasheet
453Kb / 3P
Precision SMA Male to SMP Male Adapter Full Detent
PE91064 PASTERNACK-PE91064 Datasheet
455Kb / 3P
Precision SMA Female to SMP Female Adapter
More results


Similar Description - PE91060

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
Precision 2.92mm Female to 2.92mm Female Adapter
PE9456 PASTERNACK-PE9456 Datasheet
238Kb / 3P
Precision 2.92mm Female to 2.4mm Female Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9664 PASTERNACK-PE9664 Datasheet
251Kb / 2P
Precision 2.92mm Female to N Female Adapter
PE9668 PASTERNACK-PE9668 Datasheet
252Kb / 3P
Precision 2.92mm Female to 1.85mm Female Adapter
PE9769 PASTERNACK-PE9769 Datasheet
253Kb / 3P
Precision 2.92mm Female to SSMA Female Adapter
PE91065 PASTERNACK-PE91065 Datasheet
745Kb / 3P
Precision SMP Female to SMP Female Adapter
PE91011 PASTERNACK-PE91011 Datasheet
246Kb / 3P
Precision SMA Female to 2.92mm Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com