Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW1021 Datasheet (PDF) - Minmax Technology Co., Ltd.

MPW1021 Datasheet PDF - Minmax Technology Co., Ltd.
Part # MPW1021
Download  MPW1021 Download
File Size   314.24 Kbytes
Page   6 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package

MPW1021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPW1021 Datasheet PDF - Minmax Technology Co., Ltd.

Part # MPW1021
Download  MPW1021 Click to download

File Size   314.24 Kbytes
Page   6 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package

MPW1021 Datasheet (HTML) - Minmax Technology Co., Ltd.




Similar Part No. - MPW1021

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPW1021 TOTAL-POWER-MPW1021 Datasheet
115Kb / 3P
MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
logo
Minmax Technology Co., ...
MPW1021 MINMAX-MPW1021 Datasheet
242Kb / 8P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MPW1021 TOTAL-POWER-MPW1021 Datasheet
488Kb / 8P
25~30W wide input range
More results


Similar Description - MPW1021

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
logo
Minmax Technology Co., ...
MKW2000 MINMAX-MKW2000 Datasheet
331Kb / 4P
DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW2600 MINMAX-MKW2600_13 Datasheet
3Mb / 4P
DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW3000 MINMAX-MKW3000_12 Datasheet
938Kb / 5P
DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW1000 MINMAX-MKW1000_12 Datasheet
287Kb / 4P
DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW2500 MINMAX-MKW2500_11 Datasheet
316Kb / 5P
DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
MKW5000 MINMAX-MKW5000_12 Datasheet
357Kb / 5P
DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
logo
PEAK electronics GmbH
PHM2 PEAK-PHM2 Datasheet
40Kb / 1P
DIN RAIL Module PHM2-Vx for DC/DC Converter up to 2?쓝 2?
logo
Mean Well Enterprises C...
SKM30-N MEANWELL-SKM30-N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com