Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW1021 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MPW1021
Description  DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW1021 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MPW1021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MPW1000 SERIES
DC/DC CONVERTER 30W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/10 REV:2
Page 1 of 6
®
FEATURES
►2”x 1.6”x 0.4” Metal Package
►Wide 2:1 Input Range
►Operating Temp. Range –40°C to +80°C
►Short Circuit Protection
►I/O-isolation 1500 VDC
►Input Filter to meet EN55022,class A
►3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MPW1000 series is a range of isolated 30W DC/DC converter modules featuring fully regulated output voltages and wide 2:1 input voltage
ranges.The product comes in a 2”x 1.6”x 0.4” metal package with industry standard pinout. An excellent efficiency allows an operating temperature range
of –40° to +80°C (with derating).
Typical applications for these converters are battery operated equipment and instrumentation, distributed power systems, data communication and general
industrial electronics.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Over
Voltage
Protection
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
VDC
uF
%
MPW1021
3.3
5500
400
1867
3.9
81
MPW1022
5
5000
350
2480
6.8
84
MPW1023
12
2500
166
2841
15
88
MPW1024
15
2000
133
2841
18
470
88
MPW1026
±12
±1250
±83
2841
±15
88
MPW1027
12
(9 ~ 18)
±15
±1100
±65
2841
40
100
±18
220#
88
MPW1031
3.3
5500
400
922
3.9
82
MPW1032
5
5000
350
1225
6.8
85
MPW1033
12
2500
166
1404
15
89
MPW1034
15
2000
133
1404
18
470
89
MPW1036
±12
±1250
±83
1404
±15
89
MPW1037
24
(18 ~ 36)
±15
±1100
±65
1404
20
50
±18
220#
89
MPW1041
3.3
5500
400
461
3.9
82
MPW1042
5
5000
350
613
6.8
85
MPW1043
12
2500
166
702
15
89
MPW1044
15
2000
133
702
18
470
89
MPW1046
±12
±1250
±83
702
±15
89
MPW1047
48
(36 ~ 75)
±15
±1100
±65
702
10
25
±18
220#
89
# For each output


Similar Part No. - MPW1021

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPW1021 TOTAL-POWER-MPW1021 Datasheet
115Kb / 3P
MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
logo
Minmax Technology Co., ...
MPW1021 MINMAX-MPW1021 Datasheet
242Kb / 8P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MPW1021 TOTAL-POWER-MPW1021 Datasheet
488Kb / 8P
25~30W wide input range
More results

Similar Description - MPW1021

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
logo
Minmax Technology Co., ...
MKW2000 MINMAX-MKW2000 Datasheet
331Kb / 4P
DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW2600 MINMAX-MKW2600_13 Datasheet
3Mb / 4P
DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
MKW3000 MINMAX-MKW3000_12 Datasheet
938Kb / 5P
DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW1000 MINMAX-MKW1000_12 Datasheet
287Kb / 4P
DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
MKW2500 MINMAX-MKW2500_11 Datasheet
316Kb / 5P
DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
MKW5000 MINMAX-MKW5000_12 Datasheet
357Kb / 5P
DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
logo
PEAK electronics GmbH
PHM2 PEAK-PHM2 Datasheet
40Kb / 1P
DIN RAIL Module PHM2-Vx for DC/DC Converter up to 2?쓝 2?
logo
Mean Well Enterprises C...
SKM30-N MEANWELL-SKM30-N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com