Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIWI06 Datasheet (PDF) - Minmax Technology Co., Ltd.

MIWI06 Datasheet PDF - Minmax Technology Co., Ltd.
Part # MIWI06
Download  MIWI06 Download
File Size   294.24 Kbytes
Page   4 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description DC/DC CONVERTER 6W, DIP-24 Plastic Package

MIWI06 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIWI06 Datasheet PDF - Minmax Technology Co., Ltd.

Part # MIWI06
Download  MIWI06 Click to download

File Size   294.24 Kbytes
Page   4 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description DC/DC CONVERTER 6W, DIP-24 Plastic Package

MIWI06 Datasheet (HTML) - Minmax Technology Co., Ltd.


MIWI06 Product details

PRODUCT OVERVIEW
The MINMAX MIWI06 series is a new range of high performance dc-dc converter modules with 6W output power, featuring ultra-wide 4:1 input voltage ranges and tight output voltage regulation. The product comes in a DIP-24 package with industry standard footprint.
Excellent efficiency allows an operation temperature range of -40°C to +85°C . Standard features include overload protection.
Typical applications for these cost optimized converters are battery powered equipment, instrumentation, datacom and industrial electronics.

FEATURES
► Industrial Standard DIP-24 Package
► Ultra-wide 4:1 Input Voltage Range
► Fully Regulated Output Voltage
► I/O Isolation 1500 VDC (opt. 3000VDC)
► Operating Ambient Temp. Range -40°C to +85°C
► No Min. Load Requirement
► Overload and Short Circuit Protection
► Designed-in Conducted EMI meets EN55022 Class A & FCC Level A
► UL/cUL/IEC/EN 60950-1 Safety Approval




Similar Part No. - MIWI06

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIWI06 TOTAL-POWER-MIWI06 Datasheet
472Kb / 4P
DIP-24 Plastic Package
MIWI06-24D05 TOTAL-POWER-MIWI06-24D05 Datasheet
472Kb / 4P
DIP-24 Plastic Package
MIWI06-24D12 TOTAL-POWER-MIWI06-24D12 Datasheet
472Kb / 4P
DIP-24 Plastic Package
MIWI06-24D15 TOTAL-POWER-MIWI06-24D15 Datasheet
472Kb / 4P
DIP-24 Plastic Package
MIWI06-24S033 TOTAL-POWER-MIWI06-24S033 Datasheet
472Kb / 4P
DIP-24 Plastic Package
More results


Similar Description - MIWI06

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
DC/DC CONVERTER 3W, DIP-24 Plastic Package
MIW3000 MINMAX-MIW3000_12 Datasheet
285Kb / 4P
DC/DC CONVERTER 5-6W, DIP-24 Metal Package
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW4100 MINMAX-MIW4100_11 Datasheet
282Kb / 4P
DC/DC CONVERTER 5-6W, DIP-24 Metal Package
logo
Delta Electronics, Inc.
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
6W DIP Package DC-DC Regulated Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com