Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIWI06 Datasheet (PDF) - Total Power International

MIWI06 Datasheet PDF - Total Power International
Part # MIWI06
Download  MIWI06 Download
File Size   472.24 Kbytes
Page   4 Pages
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International
Description DIP-24 Plastic Package

MIWI06 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIWI06 Datasheet PDF - Total Power International

Part # MIWI06
Download  MIWI06 Click to download

File Size   472.24 Kbytes
Page   4 Pages
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International
Description DIP-24 Plastic Package

MIWI06 Datasheet (HTML) - Total Power International


MIWI06 Product details

PRODUCT OVERVIEW
The MIWI06 series is a new range of high performance dc-dc converter modules with 6W output power, featuring ultra-wide 4:1 input voltage ranges and tight output voltage regulation. The product comes in a DIP-24 package with industry standard footprint.
Excellent efficiency allows an operation temperature range of -40°C to +85°C . Standard features include overload protection.
Typical applications for these cost optimized converters are battery powered equipment, instrumentation, datacom and industrial electronics.

FEATURES
► DIP-24 Plastic Package
► Ultra-wide 4:1 Input Range
► High Efficiency up to 84%
► Operating Temp. Range -40°C to +85°C
► Overload Protection
► I/O-isolation 1500VDC ( opt. 3000VDC)
► Input Filter meets EN 55022,class A and FCC, level A
► 3 Years Product Warranty




Similar Part No. - MIWI06

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06-24D05 MINMAX-MIWI06-24D05 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06-24D12 MINMAX-MIWI06-24D12 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06-24D15 MINMAX-MIWI06-24D15 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06-24S033 MINMAX-MIWI06-24S033 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
More results


Similar Description - MIWI06

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
DC/DC CONVERTER 3W, DIP-24 Plastic Package
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
XP Power Limited
JTB03 XPPOWER-JTB03 Datasheet
108Kb / 2P
DIP24 Metal Package
JTE XPPOWER-JTE Datasheet
246Kb / 2P
DIP-24 Plastic Case
logo
Total Power Internation...
MIAR03 TOTAL-POWER-MIAR03 Datasheet
756Kb / 4P
DIP-24 Plastic Package
MIW06 TOTAL-POWER-MIW06 Datasheet
470Kb / 4P
DIP-24 Plastic Package
MIW3100 TOTAL-POWER-MIW3100 Datasheet
402Kb / 4P
DIP-24 Plastic Package
MIW4100 TOTAL-POWER-MIW4100_17 Datasheet
403Kb / 4P
DIP-24 Metal Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com