Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF448 Datasheet (PDF) - Advanced Power Technology

ARF448 Datasheet PDF - Advanced Power Technology
Part # ARF448
Download  ARF448 Download
File Size   57.52 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description N-CHANNEL ENHANCEMENT MODE

ARF448 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARF448 Datasheet PDF - Advanced Power Technology

Part # ARF448
Download  ARF448 Click to download

File Size   57.52 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description N-CHANNEL ENHANCEMENT MODE

ARF448 Datasheet (HTML) - Advanced Power Technology


ARF448 Product details

The ARF448A and ARF448B comprise a symmetric pair of common source RF power transistors designed for push pull scientific, commercial, medical and industrial RF power amplifier applications up to 65 MHz.



Specified 150 Volt, 40.68 MHz Characteristics:

 Output Power = 140 Watts.

 Gain = 15dB (Class C)

 Efficiency = 75%

Low Cost Common Source RF Package.

Very High Breakdown for Improved Ruggedness.

Low Thermal Resistance.

Nitride Passivated Die for Improved Reliability.




Similar Part No. - ARF448

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF448A ADPOW-ARF448A Datasheet
389Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF448A ADPOW-ARF448A_03 Datasheet
389Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF448B ADPOW-ARF448B Datasheet
389Kb / 4P
N-CHANNEL ENHANCEMENT MODE
More results


Similar Description - ARF448

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com