Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF448 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # ARF448
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF448 Datasheet(HTML) 3 Page - Advanced Power Technology

  ARF448 Datasheet HTML 1Page - Advanced Power Technology ARF448 Datasheet HTML 2Page - Advanced Power Technology ARF448 Datasheet HTML 3Page - Advanced Power Technology ARF448 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
40
30
20
10
0
0
60
120
180
240
300
300
240
180
120
60
0
Freq. (MHz)
Z
in - gate shunted by 25Ω
Z
OL - conjugate of optimum load impedance for 250W at 150V
Zin (Ω)ZOL (Ω)
2.0
13.5
27.0
40.0
65.0
56.00 - j 06.0
37.00 - j 26.0
18.00 - j 25.0
9.90 - j 19.2
4.35 - j 11.4
20.90 - j 9.2
2.40 - j 6.8
0.57 - j 2.6
0.31 - j 0.5
0.44 + j 1.9
POUT, POWER OUT (WATTS)
Figure 8, Typical Common Source Amplifier Gain vs Power Out
17
16
15
14
13
TC, CASE TEMPERATURE (°C)
Figure 5, Typical Threshold Voltage vs Temperature
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50
-25
0
25
50
75
100 125 150
02
4
6
8
10
1
5
10
15
20
25
30
PIN, POWER IN (WATTS)
Figure 7, Typical Power Out vs Power In
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6, Typical Output Characteristics
ARF448A/448B
5.5V
4.5V
5V
6V
VGS=8, 10 & 15V
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
Figure 9, Typical Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
Class C
V
DD
= 150V
f = 40.68 MHz
Table 1 - Typical Class C Large Signal Input-Output Impedance
Class C
V
DD
= 150V
f = 40.68 MHz
6.5V
0.6
0.1
0.05
0.01
0.005
0.001
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.1
SINGLE PULSE
0.02
0.05
0.2
D=0.5
0.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com