Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-S512K32V Datasheet (PDF) - Aeroflex Circuit Technology

ACT-S512K32V Datasheet PDF - Aeroflex Circuit Technology
Part # ACT-S512K32V
Download  ACT-S512K32V Download
File Size   169.87 Kbytes
Page   8 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module

ACT-S512K32V Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT-S512K32V Datasheet PDF - Aeroflex Circuit Technology

Part # ACT-S512K32V
Download  ACT-S512K32V Click to download

File Size   169.87 Kbytes
Page   8 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module

ACT-S512K32V Datasheet (HTML) - Aeroflex Circuit Technology


ACT-S512K32V Product details

General Description
The ACT–S512K32V is a High Speed 4 megabit CMOS SRAM Multichip Module (MCM) designed for full temperature range, 3.3V Power Supply, military, space, or high reliability mass memory and fast cache applications.

Features
■ 4 Low Power CMOS 512K x 8 SRAMs in one MCM
■ Overall configuration as 512K x 32
■ Input and Output TTL Compatible
■ 17, 20, 25, 35 & 45ns Access Times, 15ns Available by Special Order
■ Full Military (-55°C to +125°C) Temperature Range
■ +3.3V Power Supply
■ Choice of Surface Mount or PGA Type Co-fired Packages:
    ● 68–Lead, Dual-Cavity CQFP (F2), .88"SQ x .20"max (.18"max thickness available, contact factory for details) (Drops into the 68 Lead JEDEC .99"SQ CQFJ footprint)
    ● 66–Pin, PGA-Type (P1), 1.38"SQ x .245"max
    ● 66–Pin, PGA-Type (P7), 1.08"SQ x .185"max
■ Internal Decoupling Capacitors
■ DESC SMD# Pending




Similar Part No. - ACT-S512K32V

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S512K8N-017F3C AEROFLEX-ACT-S512K8N-017F3C Datasheet
83Kb / 8P
ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACT-S512K8N-017F3I AEROFLEX-ACT-S512K8N-017F3I Datasheet
83Kb / 8P
ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACT-S512K8N-017F3M AEROFLEX-ACT-S512K8N-017F3M Datasheet
83Kb / 8P
ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACT-S512K8N-017F3Q AEROFLEX-ACT-S512K8N-017F3Q Datasheet
83Kb / 8P
ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACT-S512K8N-017F3T AEROFLEX-ACT-S512K8N-017F3T Datasheet
83Kb / 8P
ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
More results


Similar Description - ACT-S512K32V

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com