Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-SF128K32 Datasheet (PDF) - Aeroflex Circuit Technology

ACT-SF128K32 Datasheet PDF - Aeroflex Circuit Technology
Part # ACT-SF128K32
Download  ACT-SF128K32 Download
File Size   168.68 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module

ACT-SF128K32 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT-SF128K32 Datasheet PDF - Aeroflex Circuit Technology

Part # ACT-SF128K32
Download  ACT-SF128K32 Click to download

File Size   168.68 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module

ACT-SF128K32 Datasheet (HTML) - Aeroflex Circuit Technology


ACT-SF128K32 Product details

FEATURES
■ 4 – 128K x 8 SRAMs & 4 – 128K x 8 Flash Die in One MCM
■ Access Times of 25ns (SRAM) and 60ns (Flash) or 35ns (SRAM) and 70ns or 90ns (Flash)
■ Organized as 128K x 32 of SRAM and 128K x 32 of Flash Memory with Common Data Bus
■ Low Power CMOS
■ Input and Output TTL Compatible Design
■ MIL-PRF-38534 Compliant MCMs Available
■ Decoupling Capacitors and Multiple Grounds for Low Noise
■ Commercial, Industrial and Military Temperature Ranges
■ Industry Standard Pinouts
■ TTL Compatible Inputs and Outputs
■ Packaging – Hermetic Ceramic
    ● 66–Lead, PGA-Type, 1.385"SQ x 0.245"max, Aeroflex code# P3,P7 without/with shoulders

FLASH MEMORY FEATURES
■ Sector Architecture (Each Die)
    ● 8 Equal Sectors of 16K bytes each
    ● Any combination of sectors can be erased with one command sequence.
■ +5V Programing, +5V Supply
■ Embedded Erase and Program Algorithms
■ Hardware and Software Write Protection
■ Page Program Operation and Internal Program Control Time.
■ 10,000 Erase/Program Cycles




Similar Part No. - ACT-SF128K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF128K16N-26F18C AEROFLEX-ACT-SF128K16N-26F18C Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18I AEROFLEX-ACT-SF128K16N-26F18I Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18M AEROFLEX-ACT-SF128K16N-26F18M Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18Q AEROFLEX-ACT-SF128K16N-26F18Q Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18T AEROFLEX-ACT-SF128K16N-26F18T Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
More results


Similar Description - ACT-SF128K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
128Kx32 Synchronous SRAM
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
128KX32 SRAM/FLASH MODULE
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com