Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-SF128K32 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-SF128K32
Description  ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-SF128K32 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-SF128K32 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Aeroflex Circuit Technology
SCD3850 REV A 5/20/98
Plainview NY (516) 694-6700
2
Absolute Maximum Ratings
Symbol
Rating
Range
Units
TC
Operating Temperature
-55 to +125
°C
TSTG
Storage Temperature
-65 to +150
°C
VG
Maximum Signal Voltage to Ground
-0.5 to +7
V
TL
Maximum Lead Temperature (10 seconds)
300
°C
Parameter
Flash Data Retention
10 Years
Flash Endurance (Write/Erase Cycles)
10,000
Normal Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VCC
Power Supply Voltage
+4.5
+5.5
V
VIH
Input High Voltage
+2.2
VCC + 0.3
V
VIL
Input Low Voltage
-0.5
+0.8
V
Capacitance
(VIN = 0V, f = 1MHz, TC = 25°C)
Symbol Parameter
Maximum
Units
CAD
A0 – A18 Capacitance
80
pF
COE
OE Capacitance
80
pF
CWE1-4
F/S Write Enable Capacitance
30
pF
CCE
F/S Chip Enable Capacitance
50
pF
CI/O
I/O0 – I/O31 Capacitance
30
pF
This parameter is guaranteed by design but not tested
DC Characteristics
(VCC = 5.0V, VSS = 0V, TC = -55°C to +125°C)
Parameter
Sym
Conditions
Min
Max Units
Input Leakage Current
ILI
VCC = Max, VIN =0 to VCC
10
µA
Output Leakage Current
ILO
FCE = SCE = VIH, OE = VIH,
VOUT =0 to VCC
10
µA
SRAM Operating Supply Current x 32
Mode
ICCx32
SCE = VIL, OE = VIH, f = 5MHz, VCC =
Max, FCE = VIH
550
mA
Standby Current
ISB
FCE = SCE = VIH, OE = VIH, f = 5MHz,
VCC = Max
80
mA
SRAM Output Low Voltage
VOL
IOL = 8 mA, VCC = Min, FCE = VIH
0.4
V
SRAM Output High Voltage
VOH
IOH = -4.0 mA, , VCC = Min, FCE = VIH
2.4
V
Flash Vcc Active Current for Read (1)
ICC1
FCE = VIL, OE = VIH, SCE = VIH
220
mA
Flash Vcc Active Current for Program
or Erase (2)
ICC2
FCE = VIL, OE = VIH, SCE = VIH
280
mA
Flash Output Low Voltage
VOL
IOL = 12 mA, VCC = Min, SCE = VIH
0.45
V
Flash Output High Voltage
VOH1
IOH = -2.5 mA, , VCC = Min, SCE = VIH
0.85 x VCC
V
Flash Low Vcc Lock Out Voltage
VLKO
3.2
4.2
V
Notes: 1) The ICC current listed includes both the DC operating current and the frequency dependent component (at 5MHz). The
frequency component typically is less than 2mA/MHz, with OE at VIH 2) ICC active while Embedded Algorithim (program or
erase) is in progress 3) DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com