Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-SF128K32 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-SF128K32
Description  ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-SF128K32 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-SF128K32 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
eroflex Circuit Technology - Advanced Multichip Modules © SCD3850 REV A 5/20/98
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001
CIRCUIT TECHNOLOGY
www.aeroflex.com
s
4 – 128K x 8 SRAMs & 4 – 128K x 8 Flash Die
in One MCM
s
Access Times of 25ns (SRAM) and 60ns
(Flash) or 35ns (SRAM) and 70ns or
90ns (Flash)
s
Organized as 128K x 32 of SRAM and 128K x
32 of Flash Memory with Common Data Bus
s
Low Power CMOS
s
Input and Output TTL Compatible Design
s
MIL-PRF-38534 Compliant MCMs Available
s
Decoupling Capacitors and Multiple
Grounds for Low Noise
s
Commercial, Industrial and Military
Temperature Ranges
s
Industry Standard Pinouts
s
TTL Compatible Inputs and Outputs
s
Packaging – Hermetic Ceramic
q
66–Lead, PGA-Type, 1.385"SQ x 0.245"max,
Aeroflex code# P3,P7 without/with shoulders
FLASH MEMORY FEATURES
s
Sector Architecture (Each Die)
q
8 Equal Sectors of 16K bytes each
q
Any combination of sectors can be erased with
one command sequence.
s
+5V Programing, +5V Supply
s
Embedded Erase and Program Algorithms
s
Hardware and Software Write Protection
s
Page Program Operation and Internal
Program Control Time.
s
10,000 Erase/Program Cycles
Block Diagram – PGA Type Package (P3 & P7)
ACT-SF128K32 High Speed
Multichip Module
128Kx32 SRAM / 128Kx32 Flash
OE
FWE1
SCE
I/O8-15
I/O16-23
I/O0-7
I/O24-31
128K X 8 FLASH
A0–A16
128K X 8 SRAM
128K X 8 FLASH
128K X 8 SRAM
128K X 8 FLASH
128K X 8 SRAM
128K X 8 FLASH
128K X 8 SRAM
FCS
SWE1
FWE2 SWE2
FWE3 SWE3
FWE4 SWE4
PIN DESCRIPTION
I/O0-31
Data I/O
A0–16
Address Inputs
FWE1-4
Flash Write Enables
SWE1-4 SRAM Write Enables
FCE
Flash Chip Enable
SCE
SRAM Chip Enable
OE
Output Enable
NC
Not Connected
VCC
Power Supply
GND
Ground


Similar Part No. - ACT-SF128K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF128K16N-26F18C AEROFLEX-ACT-SF128K16N-26F18C Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18I AEROFLEX-ACT-SF128K16N-26F18I Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18M AEROFLEX-ACT-SF128K16N-26F18M Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18Q AEROFLEX-ACT-SF128K16N-26F18Q Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18T AEROFLEX-ACT-SF128K16N-26F18T Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
More results

Similar Description - ACT-SF128K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
128Kx32 Synchronous SRAM
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
128KX32 SRAM/FLASH MODULE
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com