Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-SF128K32 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACT-SF128K32
Description  ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-SF128K32 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACT-SF128K32 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Aeroflex Circuit Technology
SCD3850 REV A 5/20/98
Plainview NY (516) 694-6700
10
Ordering Information
Model Number
DESC Part Number
Speed
Package
ACT-SF128K32N–26P1X
TBD
25(S) / 60(F) ns
1.08"sq PGA-Type
ACT-SF128K32N–37P1X
TBD
35(S) / 70(F) ns
1.08"sq PGA-Type
ACT-SF128K32N–39P1X
TBD
35(S) / 90(F) ns
1.08"sq PGA-Type
Note: (S) = Speed for SRAM, (F) = Speed for FLASH
ACT– SF 128K 32 N– 26 P1 M
Aeroflex Circuit
Part Number Breakdown
Technology
Memory Type
SF = SRAM Flash Combo Module
Memory Depth, Locations
Pinout Options
Memory Width, Bits
N = none
Memory Speed (Code)
Package Types & Sizes
Thru-Hole Packages
P3 = 1.08"SQ PGA 66 Pins WO/Shoulder
P7 = 1.08"SQ PGA 66 Pins W/Shoulder
Screening
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C Screened
*
Q = MIL-PRF-38534 Compliant/SMD
* Screened to the individual test methods of MIL-STD-883
26 = 25ns SRAM / 60ns FLASH
37 = 35ns SRAM / 70ns FLASH
39 = 35ns SRAM / 90ns FLASH
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) 843-1553
CIRCUIT TECHNOLOGY
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com