Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4112 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4112 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4112
Download  PE4112 Download
File Size   262.38 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402

PE4112 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4112 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4112
Download  PE4112 Click to download

File Size   262.38 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402

PE4112 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4112 Product details

Description
Pasternack’s PE4112 SMA male connector with solder/solder attachment for PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN and RG402 is part of our full line of RF components available for same-day shipping. Our SMA male connector operates up to a maximum frequency of 18 GHz and offers excellent VSWR of 1.2:1.

Configuration
• SMA Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PESR402TN, RG402 Interface Type
• Solder/Solder Attachment
• 5/16 inch Hex

Features
• Max. Operating Frequency 18 GHz
• Excellent VSWR of 1.2:1
• Gold Plated Brass Contact
• 50 µin minimum contact plating

Applications
• General Purpose Test
• Custom Cable Assemblies
.




Similar Part No. - PE4112

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4112 PASTERNACK-PE4112 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE4112 PASTERNACK-PE4112_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
More results


Similar Description - PE4112

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4007 PASTERNACK-PE4007 Datasheet
298Kb / 2P
SMA Male Connector Solder (Without Contact) Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4115 PASTERNACK-PE4115 Datasheet
277Kb / 2P
SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4083 PASTERNACK-PE4083 Datasheet
276Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4778 PASTERNACK-PE4778 Datasheet
257Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4852 PASTERNACK-PE4852 Datasheet
264Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4987 PASTERNACK-PE4987 Datasheet
221Kb / 3P
2.92mm Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44496 PASTERNACK-PE44496 Datasheet
381Kb / 3P
QMA Male Connector Solder Attachment for PE-SR402AL, PE-SR402FL, RG402
PE44599 PASTERNACK-PE44599 Datasheet
215Kb / 2P
QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com