Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4115 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4115 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4115
Download  PE4115 Download
File Size   277.87 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402

PE4115 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4115 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4115
Download  PE4115 Click to download

File Size   277.87 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402

PE4115 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4115 Product details

Description
Pasternack’s PE4115 SMA female connector with solder/solder attachment for PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN and RG402 is part of our full line of RF components available for same-day shipping. Our SMA female connector operates up to a maximum frequency of 18 GHz.

Configuration
• SMA Female Connector
• 50 Ohms
• Straight Body Geometry
• PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PESR402TN, RG402 Interface Type
• Solder/Solder Attachment

Features
• Max. Operating Frequency 18 GHz
• Gold Plated Beryllium Copper Contact

Applications
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - PE4115

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4115 PASTERNACK-PE4115 Datasheet
373Kb / 3P
SMA Female Connector Solder Attachment
PE4115 PASTERNACK-PE4115_16 Datasheet
373Kb / 3P
SMA Female Connector Solder Attachment
More results


Similar Description - PE4115

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4138 PASTERNACK-PE4138 Datasheet
105Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4145 PASTERNACK-PE4145 Datasheet
105Kb / 1P
TNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL PE-SR402FL
PE4204 PASTERNACK-PE4204 Datasheet
105Kb / 1P
BNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL &PE-SR402FL
PE4778 PASTERNACK-PE4778 Datasheet
257Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4852 PASTERNACK-PE4852 Datasheet
264Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44227 PASTERNACK-PE44227 Datasheet
213Kb / 2P
2.92mm Female Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4983 PASTERNACK-PE4983 Datasheet
208Kb / 2P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44695 PASTERNACK-PE44695 Datasheet
895Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44697 PASTERNACK-PE44697 Datasheet
913Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com