Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1698 Datasheet (PDF) - Aeroflex Circuit Technology

CT1698 Datasheet PDF - Aeroflex Circuit Technology
Part # CT1698
Download  CT1698 Download
File Size   82.77 Kbytes
Page   7 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description CT1698 MIL-STD-1397 Type E 10MHz Low Level Serial Interface

CT1698 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT1698 Datasheet PDF - Aeroflex Circuit Technology

Part # CT1698
Download  CT1698 Click to download

File Size   82.77 Kbytes
Page   7 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description CT1698 MIL-STD-1397 Type E 10MHz Low Level Serial Interface

CT1698 Datasheet (HTML) - Aeroflex Circuit Technology


CT1698 Product details

General Description
CT1698 is a single hybrid microcircuit which incorporates a serial encoder, transceiver, and Manchester decoder in one package. The encoder accepts serial NRZ data in conjunction with two synchronous clocks. The CT1698 receiver section accepts bipolar Manchester encoded signals and passes level detected signals to the serial decoder. The CT1698 has a power management function and a variable drive level option. The transmitter standby mode is available to reduce the overall power consumption of the CT1698. The variable drive level output is externally programmable for testing purposes. Aeroflex Circuit Technology is a 80,000 square foot MIL-PRF-38534 certified facility in Plainview, N.Y.

Features
• Optional transformer isolation
• Internally set threshold
• Matched to 50 ohm system impedance power on and off
• Operates with ±5 volt supplies
• Power management
• External output level adjustment
• Accepts synchronous input data
• Unique Manchester decoder requires no clock
• Generates one clock per received bit
• May be used for serial decoding of indefinite word lengths
• Interfaces directly to the CT2500 protocol device
• Other Wire and Fiber Optic types available




Similar Part No. - CT1698

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CT16 TRANSKO-CT16 Datasheet
286Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (1.6 x 1.2 x 0.65mm)
Rev. 1: 10-10-19
logo
American Accurate Compo...
CT161003ALM AAC-CT161003ALM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT161003ALO AAC-CT161003ALO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT161003AMM AAC-CT161003AMM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT161003AMO AAC-CT161003AMO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
More results


Similar Description - CT1698

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1469-2 AEROFLEX-CT1469-2 Datasheet
90Kb / 10P
CT1469-2 MIL-STD-1397 Type E 10MHz Transceiver
CT1496-2 AEROFLEX-CT1496-2 Datasheet
91Kb / 9P
CT1496-2 MIL-STD-1397 Type E 10MHz Low Level Serial Manchester 32 Bit Encoder
CT1508-2 AEROFLEX-CT1508-2 Datasheet
74Kb / 8P
CT1508-2 MIL-STD-1397 Type E 10MHz Serial Manchester 4-Bit SIS / SOS Decoder
CT1815 AEROFLEX-CT1815 Datasheet
81Kb / 7P
CT1815 10MHz Low Level Serial Interface for MIL-STD-1397 Type D
CT2500 AEROFLEX-CT2500 Datasheet
144Kb / 10P
CT2500 MIL-STD-1397 Type D & E Low Level Serial Interface Protocol Chip
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
MMD Components
MVIL2 MMD-MVIL2 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIP5 MMD-MVIP5 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
MIL-STD-883 Level B
MVLV2 MMD-MVLV2 Datasheet
106Kb / 2P
MIL-STD-883 Level B Screening Available
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com