Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2500 Datasheet (PDF) - Aeroflex Circuit Technology

CT2500 Datasheet PDF - Aeroflex Circuit Technology
Part # CT2500
Download  CT2500 Download
File Size   144.48 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description CT2500 MIL-STD-1397 Type D & E Low Level Serial Interface Protocol Chip

CT2500 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT2500 Datasheet PDF - Aeroflex Circuit Technology

Part # CT2500
Download  CT2500 Click to download

File Size   144.48 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description CT2500 MIL-STD-1397 Type D & E Low Level Serial Interface Protocol Chip

CT2500 Datasheet (HTML) - Aeroflex Circuit Technology


CT2500 Product details

General Description
The CT2500 provides a complete interface between the MIL-STD-1397 transceiver chip set (CT1698) and most microprocessor based systems. The unit is monolithic and fabricated in CMOS technology, thereby having very low power requirements. The unit handles all protocols of Type D & E interfaces including Burst Mode Data and forced EF functions. Screened per individual test methods of MIL-STD-883. Aeroflex Circuit Technology is an 80,000ft2 MIL-PRF-38534 certified facility in Plainview, N.Y.

Features
• Performs Source and Sink functions
• Implements Type D & E protocols
• Burst Mode Capability
• Built in System Integrity Features
• Double Buffered Communications
• Low power CMOS
• Available in a PGA Package
• Operates over full Military temperature range -55°C to +125°C




Similar Part No. - CT2500

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CT250A HAMMOND-CT250A Datasheet
284Kb / 1P
Current Transformers - Indoor Toroidal CT Series
More results


Similar Description - CT2500

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1469-2 AEROFLEX-CT1469-2 Datasheet
90Kb / 10P
CT1469-2 MIL-STD-1397 Type E 10MHz Transceiver
CT1496-2 AEROFLEX-CT1496-2 Datasheet
91Kb / 9P
CT1496-2 MIL-STD-1397 Type E 10MHz Low Level Serial Manchester 32 Bit Encoder
CT1508-2 AEROFLEX-CT1508-2 Datasheet
74Kb / 8P
CT1508-2 MIL-STD-1397 Type E 10MHz Serial Manchester 4-Bit SIS / SOS Decoder
CT1698 AEROFLEX-CT1698 Datasheet
82Kb / 7P
CT1698 MIL-STD-1397 Type E 10MHz Low Level Serial Interface
CT1815 AEROFLEX-CT1815 Datasheet
81Kb / 7P
CT1815 10MHz Low Level Serial Interface for MIL-STD-1397 Type D
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
MMD Components
MVIL2 MMD-MVIL2 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIP5 MMD-MVIP5 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
MIL-STD-883 Level B
MVLV2 MMD-MVLV2 Datasheet
106Kb / 2P
MIL-STD-883 Level B Screening Available
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com