Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2500 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # CT2500
Description  CT2500 MIL-STD-1397 Type D & E Low Level Serial Interface Protocol Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2500 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  CT2500 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCDCT2500 REV A 6/12/98
Features
• Performs Source and Sink functions
• Implements Type D & E protocols
• Burst Mode Capability
• Built in System Integrity Features
• Double Buffered Communications
• Low power CMOS
• Available in a PGA Package
• Operates over full Military temperature range -55°C to +125°C
General Description
The CT2500 provides a complete interface between the MIL-STD-1397 transceiver chip set (CT1698) and
most microprocessor based systems. The unit is monolithic and fabricated in CMOS technology, thereby
having very low power requirements. The unit handles all protocols of Type D & E interfaces including Burst
Mode Data and forced EF functions. Screened per individual test methods of MIL-STD-883. Aeroflex Circuit
Technology is an 80,000ft2 MIL-PRF-38534 certified facility in Plainview, N.Y.
CIRCUIT TECHNOLOGY
www.aeroflex.com
CT2500
MIL-STD-1397 Type D & E Low Level Serial
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001
Figure 1 – Block Diagram
Interface Protocol Chip
RCVDATA
RCVCNTRL
ERR1
ERR2
OVRFLOW
SYNCIN
WIIN
PRTYIN
Received Data Shift Register
CMDIN
CFRMSYNC
DTAIN
BIT4IN
Received SOS/SIS
STR1
STR2
FIFORD
RDYFORDTA
G20MHZ
TXDMXD
TXCMXD
ENV
TXSELECT
BIT4OUT
DTAOUT
WIOUT LDCNTRL
CMDOUT
CLK
SO/SI
PAREN
POE
BURST
FIFOEN
D/E
POR
TEST
D0 - D31
32 BIT BIDIRECTIONAL
PARALLEL DATA BUS
XMIT Data Latch
XMIT Data Shift Register
Received Data Latch
SOS/SIS
for XMIT
Check
Logic
Serial
Contrl
Serial
Mode
Control
Logic
I/O
Input
RXCLOCK
Output
RXDATA
RSTERR


Similar Part No. - CT2500

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CT250A HAMMOND-CT250A Datasheet
284Kb / 1P
Current Transformers - Indoor Toroidal CT Series
More results

Similar Description - CT2500

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1469-2 AEROFLEX-CT1469-2 Datasheet
90Kb / 10P
CT1469-2 MIL-STD-1397 Type E 10MHz Transceiver
CT1496-2 AEROFLEX-CT1496-2 Datasheet
91Kb / 9P
CT1496-2 MIL-STD-1397 Type E 10MHz Low Level Serial Manchester 32 Bit Encoder
CT1508-2 AEROFLEX-CT1508-2 Datasheet
74Kb / 8P
CT1508-2 MIL-STD-1397 Type E 10MHz Serial Manchester 4-Bit SIS / SOS Decoder
CT1698 AEROFLEX-CT1698 Datasheet
82Kb / 7P
CT1698 MIL-STD-1397 Type E 10MHz Low Level Serial Interface
CT1815 AEROFLEX-CT1815 Datasheet
81Kb / 7P
CT1815 10MHz Low Level Serial Interface for MIL-STD-1397 Type D
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
MMD Components
MVIL2 MMD-MVIL2 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIP5 MMD-MVIP5 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
MIL-STD-883 Level B
MVLV2 MMD-MVLV2 Datasheet
106Kb / 2P
MIL-STD-883 Level B Screening Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com