Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2500 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # CT2500
Description  CT2500 MIL-STD-1397 Type D & E Low Level Serial Interface Protocol Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2500 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button CT2500 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2500 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Aeroflex Circuit Technology
SCDCT2500 REV A 6/12/98 Plainview NY (516) 694-6700
10
CIRCUIT TECHNOLOGY
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
Ordering Information
Model Number
Package
CT2500
PGA Package
.600 SQ
REF
LID
1.120
1.080
Pin #1 Designator (White)
.130
REF
.050
REF
.100
MAX
ø .018
±.002
TYP
.100
TYP
1
2
3
4
5
6
7
8
9
10
11
F
B
C
D
E
A
G
H
J
K
L
1.010 SQ
MAX
Package Outline – 84 Pin PGA
SQ
Bottom View
Top View
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com