Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4258 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4258 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4258
Download  PE4258 Download
File Size   272.6 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62

PE4258 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4258 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4258
Download  PE4258 Click to download

File Size   272.6 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62

PE4258 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4258 Product details

Description
Pasternack’s PE4258 75 ohm SMC plug connector with clamp/solder attachment for RG59, RG62 and RG71 is part of our full line of RF components available for same-day shipping. Our SMC plug connector operates up to a maximum frequency of 2 GHz.

Configuration
• SMC Plug Connector
• 75 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Clamp/Solder Attachment

Features
• Max. Operating Frequency 2 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to ASTM-B488-11

Applications
• General Purpose Test
• Custom Cable Assemblies
.




Similar Part No. - PE4258

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4258 PASTERNACK-PE4258 Datasheet
330Kb / 4P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor
PE42582 PSEMI-PE42582 Datasheet
920Kb / 23P
SP8T RF Switch, 9 kHz?? GHz
PE42582A-X PSEMI-PE42582A-X Datasheet
920Kb / 23P
SP8T RF Switch, 9 kHz?? GHz
logo
Pasternack Enterprises,...
PE4258 PASTERNACK-PE4258_16 Datasheet
330Kb / 4P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
More results


Similar Description - PE4258

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4266 PASTERNACK-PE4266 Datasheet
830Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4203 PASTERNACK-PE4203 Datasheet
263Kb / 2P
75 Ohm SMB Plug Connector Clamp/ Solder Attachment For RG59, RG62
PE4658 PASTERNACK-PE4658 Datasheet
216Kb / 3P
75 Ohm SMC Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4472 PASTERNACK-PE4472 Datasheet
280Kb / 2P
75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4274 PASTERNACK-PE4274 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4282 PASTERNACK-PE4282 Datasheet
212Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole
PE4264 PASTERNACK-PE4264 Datasheet
218Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com