Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4282 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4282 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4282
Download  PE4282 Download
File Size   212.06 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole

PE4282 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4282 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4282
Download  PE4282 Click to download

File Size   212.06 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole

PE4282 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE4282

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42820 PSEMI-PE42820 Datasheet
3Mb / 2P
Peregrine Enables New Approach to RF Switching in High-Power Wireless Systems
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42822A-Z PSEMI-PE42822A-Z Datasheet
460Kb / 21P
UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
More results


Similar Description - PE4282

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4266 PASTERNACK-PE4266 Datasheet
830Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4280 PASTERNACK-PE4280 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D Hole
PE4925 PASTERNACK-PE4925 Datasheet
262Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG179, RG187, .285 inch D Hole
PE4281 PASTERNACK-PE4281 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, 285 inch D HOLE
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4274 PASTERNACK-PE4274 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4283 PASTERNACK-PE4283 Datasheet
212Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, .285 inch D Hole
PE4315 PASTERNACK-PE4315 Datasheet
302Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4516 PASTERNACK-PE4516 Datasheet
214Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com