Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2625C Datasheet (PDF) - Agere Systems

2625C Datasheet PDF - Agere Systems
Part # 2625C
Download  2625C Download
File Size   60.93 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 40 Gbits/s Lithium Niobate Electro-Optic Modulator

2625C Datasheet (PDF)

Go To PDF Page Download Datasheet
2625C Datasheet PDF - Agere Systems

Part # 2625C
Download  2625C Click to download

File Size   60.93 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 40 Gbits/s Lithium Niobate Electro-Optic Modulator

2625C Datasheet (HTML) - Agere Systems


2625C Product details

Description
Representing the latest advancements in high-speed lithium niobate technology, the 40 Gbits/s electrooptic modulator is designed for long-wavelength, single-mode, external amplitude modulation applications. It uses an integrated Mach-Zehnder configuration to convert single polarization CW light from a semiconductor (DFB) laser into a time-varying optical output signal. Using the source in the CW mode eliminates the need for demanding, high-speed performance from the laser and reduces its cost.

Features
■ Ti-diffusion process
■ Dual-drive technology
■ Thin-film, 50 Ω termination in package for minimal reflections
■ Low modulation voltages
■ Tested to Telcordia Technologies * 468
■ Angled interfaces for minimal optical reflections
■ Hermetic package
■ Separate dc bias electrode

Benefits
■ Excellent long-term bias stability over a full operational temperature range of 0 °C to 70 °C
■ Adjustable chirp for long distances at high bit rates
■ Internal polarizer

Applications
■ Digital high-speed telecommunications:
    — SONET OC-768
    — Undersea communications
■ Internet data communications
■ SONET test equipment




Similar Part No. - 2625C

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2625 KR-2625 Datasheet
62Kb / 2P
Bandpass Filter
logo
Heyco.
2625 HEYCO-2625 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Weidmuller
2625000000 WEIDMULLER-2625000000 Datasheet
253Kb / 4P
TGD FIM-C
2625010000 WEIDMULLER-2625010000 Datasheet
390Kb / 4P
Remote I/O fieldbus coupler, IP20, CC-Link
November 4, 2021
logo
KNIPEX
2625200 KNIPEX-2625200 Datasheet
190Kb / 2P
Snipe Nose Side Cutting Pliers (Stork Beak Pliers)
05.07.2021
More results


Similar Description - 2625C

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2623N AGERE-2623N Datasheet
103Kb / 8P
10 Gbits/s Lithium Niobate Electro-Optic Modulator
May 2001
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
August 2000
logo
NXP Semiconductors
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
logo
JDS Uniphase Corporatio...
10022467 JDSU-10022467 Datasheet
96Kb / 4P
2x2 High Speed Lithium Niobate Interferometric Switch
logo
Emcore Corporation
EMP-12K EMCORE-EMP-12K Datasheet
384Kb / 1P
EMP-1.2K Lithium-Niobate Fiber Optic Gyroscopes
EMP-1 EMCORE-EMP-1 Datasheet
274Kb / 1P
Lithium-Niobate Fiber Optic Gyroscopes
EMP-1 EMCORE-EMP-1_16 Datasheet
473Kb / 1P
Lithium-Niobate Fiber Optic Gyroscopes (FOG)
EMP-1.2K-FOG EMCORE-EMP-1.2K-FOG_16 Datasheet
922Kb / 2P
Lithium-Niobate
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com