Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

269 Datasheet (PDF) - Agere Systems

269 Datasheet PDF - Agere Systems
Part # 269
Download  269 Download
File Size   85.8 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 269-Type 1480 nm Pump Laser Module

269 Datasheet (PDF)

Go To PDF Page Download Datasheet
269 Datasheet PDF - Agere Systems

Part # 269
Download  269 Click to download

File Size   85.8 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 269-Type 1480 nm Pump Laser Module

269 Datasheet (HTML) - Agere Systems


269 Product details

Description
The 269-type pump laser module represents a family of thermoelectrically cooled, high-power lasers. They are designed as continuous-wave (CW) optical pump sources for dense wavelength-division multiplexing (DWDM) EDFA applications.

Features
■ High-coupled rated output power up to 280 mW, CW
■ Wide environmental range
■ Field-proven packaging technology
■ InGaAsP/InP high-power, strained multiple quantum-well (MQW) chip design
■ Internal optical isolator (optional)
■ Internal thermoelectric cooler (TEC)
■ InGaAs PIN photodetector back-facet monitor
■ Single-mode and polarization-maintaining fiber pigtails
■ Compact, 14-pin butterfly package
■ Industry compatible package and pinout

Applications
■ Erbium-doped fiber amplifiers (EDFA)




Similar Part No. - 269

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
269 WALTHER-269 Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
logo
Littelfuse
269 LITTELFUSE-269 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
269 ADAFRUIT-269 Datasheet
173Kb / 2P
Thermocouple Amplifier MAX31855 breakout board (MAX6675 upgrade)
9/30/2014
logo
Keystone Electronics Co...
269 KEYSTONE-269 Datasheet
397Kb / 1P
9 VOLT BATTERY CONTACTS
31-07 20th
logo
Walther-Werke
269 304 WALTHER-269 304 Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
More results


Similar Description - 269

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL4201N OKI-OL4201N Datasheet
61Kb / 8P
Service Channel FP Laser Module (1480 nm, 1 mW)
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
269-Type 14xx nm Pump Laser Module with Fiber Grating
June 2001
269-2 AGERE-269-2 Datasheet
95Kb / 8P
69-Type 14xx nm DFB Pump Laser Module
June 2001
980 AGERE-980 Datasheet
212Kb / 8P
980-Type Ultrahigh- Reliability Pump Laser Module
April 1999
logo
California Eastern Labs
NX7461LE-CC CEL-NX7461LE-CC Datasheet
187Kb / 5P
1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (150 mW MIN)
NX7462LE-CC CEL-NX7462LE-CC Datasheet
197Kb / 5P
1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (120 mW MIN)
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
980nm Pump Laser Module, Uncooled
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Bookham, Inc.
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
980 nm Pump Laser Module Unstabilised 100-220 mW
logo
Emcore Corporation
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
1310 nm DFB Laser Module
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com