Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

980 Datasheet (PDF) - Agere Systems

980 Datasheet PDF - Agere Systems
Part # 980
Download  980 Download
File Size   212.95 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 980-Type Ultrahigh- Reliability Pump Laser Module

980 Datasheet (PDF)

Go To PDF Page Download Datasheet
980 Datasheet PDF - Agere Systems

Part # 980
Download  980 Click to download

File Size   212.95 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 980-Type Ultrahigh- Reliability Pump Laser Module

980 Datasheet (HTML) - Agere Systems


980 Product details

Description
The 980-Type Pump Laser Module is a precision, high-performance, ultrahigh-reliability lightwave component that provides high output power light, in the 980 nm range. The 980-Type Pump Laser Module is comprised of a single-mode laser diode, PIN backfacet monitor, microlensed single-mode fiber, and a Fiber Bragg Grating (FBG) for improved stability, all encased in a specially designed 14-pin, oxygen free, butterfly package.

Features
■ Extremely high reliability
    — Laser-welded packaging technology used to attain ultrastable long-term operation
    — 29-year life
■ Planar InGaAs PIN photodiode monitor for laser back-facet output
■ Wide range of stable CW optical output power
■ Individually certified for ultrahigh reliability
■ InGaAs ridge waveguide 980 nm single-mode laser diode
■ Standard low-profile, laser-welded, metal, hermetic, 14-pin butterfly package
■ Single-mode fiber with Bragg Grating (FBG) for stable operation
■ Stable single spatial mode kink-free operation over a wide range of temperatures and currents

Applications
■ Undersea optical transmission systems
■ Ultrahigh reliability optical communications for military systems




Similar Part No. - 980

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
980 VCC-980 Datasheet
539Kb / 1P
Dia Indicator Lights
logo
ITT Industries
980-0005-722 ITT-980-0005-722 Datasheet
9Mb / 301P
D Subminiature Connectors
980-0005-722 ITT-980-0005-722 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
980-0008-135 ITT-980-0008-135 Datasheet
9Mb / 301P
D Subminiature Connectors
980-0008-136 ITT-980-0008-136 Datasheet
9Mb / 301P
D Subminiature Connectors
More results


Similar Description - 980

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
269-Type 14xx nm Pump Laser Module with Fiber Grating
June 2001
269-2 AGERE-269-2 Datasheet
95Kb / 8P
69-Type 14xx nm DFB Pump Laser Module
June 2001
269 AGERE-269 Datasheet
85Kb / 8P
269-Type 1480 nm Pump Laser Module
June 2001
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 400mW
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
980nm Pump Laser Module, Uncooled
logo
Sanyo Semicon Device
DL-LS6002 SANYO-DL-LS6002 Datasheet
20Kb / 1P
980 nm LASER DIODE
logo
Bookham, Inc.
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
980 nm Pump Laser Module Unstabilised 100-220 mW
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com