Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC95 Datasheet (PDF) - Bookham, Inc.

LC95 Datasheet PDF - Bookham, Inc.
Part # LC95
Download  LC95 Download
File Size   341.77 Kbytes
Page   5 Pages
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.
Description 980nm Pump Laser Module - Grating Stabilized, 400mW

LC95 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC95 Datasheet PDF - Bookham, Inc.

Part # LC95
Download  LC95 Click to download

File Size   341.77 Kbytes
Page   5 Pages
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.
Description 980nm Pump Laser Module - Grating Stabilized, 400mW

LC95 Datasheet (HTML) - Bookham, Inc.


LC95 Product details

980nm Pump Laser Module - Grating Stabilized, 400mW

These lasers are designed as pump sources for ErbiumDoped Fiber Amplifier (EDFA) applications. Processes and techniques of coupling the fiber to the laser allow high output powers that are very stable with both time and temperature. The grating is located in the pigtail to stabilize the wavelength.
Devices are available with kink free output powers to 400mW.
The LC95 series pump module utilises a double Fiber Bragg Grating design for enhanced wavelength and power stability performance. This product has been designed to ensure superior wavelength locking over drive current, temperature and optical feedback changes.

Features:
• Double Fiber Bragg Grating wavelength stabilization
• High output power, up to 400mW kink free
• Single-mode fiber pigtail
• Internal thermoelectric heatpump and monitor photodiode
• Hermetically sealed 14-pin butterfly package
• Telcordia GR-468-CORE compliant
• Field proven high reliability
• RoHS compliant

Applications:
• Low noise EDFAs
• Dense wavelength division multiplexing (DWDM) EDFAs
• CATV Applications




Similar Part No. - LC95

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
976nm Laser Module Stabilized with Narrow-Bandwidth Grating
More results


Similar Description - LC95

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
269-Type 14xx nm Pump Laser Module with Fiber Grating
June 2001
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 300mW
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
976nm Laser Module Stabilized with Narrow-Bandwidth Grating
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
980nm Pump Laser Module, Uncooled
logo
JDS Uniphase Corporatio...
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results




About Bookham, Inc.


Bookham, Inc. was a telecommunications equipment company that specialized in the design, development, and manufacturing of optical components and subsystems used in fiber optic communication networks. The company was founded in the UK in 1988 and had its headquarters in San Jose, California.

Bookham's products included optical transceivers, amplifiers, multiplexers, and passive components such as fiber optic couplers, isolators, and filters. The company's products were used in a variety of applications, including telecommunications, data communications, and cable TV networks.

In 2009, Bookham merged with another optical components company, Avanex Corporation, to form a new company called Oclaro, Inc. Oclaro continued to focus on the development of optical components for high-speed communications networks, and in 2018, it was acquired by Lumentum Holdings Inc., a leading provider of photonics products for the telecom, datacom, and consumer markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com