Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC96 Datasheet (PDF) - Bookham, Inc.

LC96 Datasheet PDF - Bookham, Inc.
Part # LC96
Download  LC96 Download
File Size   151.75 Kbytes
Page   5 Pages
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.
Description High Power 980nm Pump Laser Module - Grating Stabilized, 600mW

LC96 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC96 Datasheet PDF - Bookham, Inc.

Part # LC96
Download  LC96 Click to download

File Size   151.75 Kbytes
Page   5 Pages
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.
Description High Power 980nm Pump Laser Module - Grating Stabilized, 600mW

LC96 Datasheet (HTML) - Bookham, Inc.


LC96 Product details

High Power 980nm Pump Laser Module - Grating Stabilized, 600mW



These lasers are designed as pump sources for erbium doped fiber amplifier (EDFA) applications. Processes and techniques of coupling the fiber to the laser allow high output powers that are very stable with both time and temperature. The grating is located in the pigtail to stabilize the wavelength.



Features:

•Double Fiber Bragg Grating wavelength stabilization

•High output power, up to 600mW kink free

•Polarization maintaining fiber pigtail

•Internal thermoelectric heatpump and monitor photodiode

•Hermetically sealed 14 pin butterfly package

•Telcordia GR-468-CORE compliant

•Field proven high reliability

• RoHS compliant



Applications:

• Low noise erbium doped fiber amplifiers (EDFAs)

•Dense wavelength division multiplexing (DWDM) EDFAs

•CATV Applications




Similar Part No. - LC96

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC96A1060 BOOKHAM-LC96A1060 Datasheet
288Kb / 4P
400mW 1060nm / 1070nm High Power Laser Diode Module
LC96A1060-20R BOOKHAM-LC96A1060-20R Datasheet
288Kb / 4P
400mW 1060nm / 1070nm High Power Laser Diode Module
LC96A1070-20R BOOKHAM-LC96A1070-20R Datasheet
288Kb / 4P
400mW 1060nm / 1070nm High Power Laser Diode Module
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LC96UB74-20R BOOKHAM-LC96UB74-20R Datasheet
160Kb / 5P
ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
More results


Similar Description - LC96

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
269-Type 14xx nm Pump Laser Module with Fiber Grating
June 2001
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 400mW
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
976nm Laser Module Stabilized with Narrow-Bandwidth Grating
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
980nm Pump Laser Module, Uncooled
logo
List of Unclassifed Man...
LD098T ETC2-LD098T Datasheet
194Kb / 4P
980nm High-Power Laser Diode
logo
JDS Uniphase Corporatio...
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results




About Bookham, Inc.


Bookham, Inc. was a telecommunications equipment company that specialized in the design, development, and manufacturing of optical components and subsystems used in fiber optic communication networks. The company was founded in the UK in 1988 and had its headquarters in San Jose, California.

Bookham's products included optical transceivers, amplifiers, multiplexers, and passive components such as fiber optic couplers, isolators, and filters. The company's products were used in a variety of applications, including telecommunications, data communications, and cable TV networks.

In 2009, Bookham merged with another optical components company, Avanex Corporation, to form a new company called Oclaro, Inc. Oclaro continued to focus on the development of optical components for high-speed communications networks, and in 2018, it was acquired by Lumentum Holdings Inc., a leading provider of photonics products for the telecom, datacom, and consumer markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com