Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC96 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LC96
Description  High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC96 Datasheet(HTML) 2 Page - Bookham, Inc.

  LC96 Datasheet HTML 1Page - Bookham, Inc. LC96 Datasheet HTML 2Page - Bookham, Inc. LC96 Datasheet HTML 3Page - Bookham, Inc. LC96 Datasheet HTML 4Page - Bookham, Inc. LC96 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
2
Characteristics
Parameter
Min
Typ
Max
Unit
Threshold current (I
th)
40
55
mA
Operating drive current (
If )
950
mA
Forward voltage
2.2
2.5
V
Centre wavelength (
λ
c)
974
nm
976
nm
Spectrum stability (t = 60 secs)
±0.2
nm
Temperature dependence of peak wavelength
0.02
nm/°C
Wavelength tolerance
±1.0
nm
Monitor detector responsivity
1.0
10
µA/mW
Monitor dark current
50
nA
Thermistor resistance (at 25°C)
9.5
10
10.5
k
Ω
Power Stability
Peak-to-peak, T = 60s,
DC to 50kHz sampling, T
c = 25°C
>30mW
0.15
dB
20 – 30mW
0.25
dB
10 – 20mW
0.50
dB
Heatpump current (
∆T = 50°C, I
f = If max)
1.8
A
Heatpump voltage (
∆T = 50°C, I
f = If max)
3.0
V
Conditions unless otherwise stated:
Case temperature -20 to +75°C
Submount temperature 25°C
Monitor diode bias -5V
CW operation
Kink-free fiber-coupled output power
LC96*74-20R – 974nm
LC96*76-20R – 976nm
LC96A7*-20R 400mW
LC96B7*-20R 410mW
LC96C7*-20R 420mW
LC96D7*-20R 430mW
LC96E7*-20R 440mW
LC96F7*-20R 450mW
LC96G7*-20R 460mW
LC96H7*-20R 470mW
LC96J7*-20R 480mW
LC96K7*-20R 490mW
LC96L7*-20R 500mW
LC96M7*-20R 510mW
LC96N7*-20R 520mW
LC96P7*-20R 530mW
LC96R7*-20R 540mW
LC96S7*-20R 550mW
LC96T7*-20R 560mW
LC96U7*-20R 570mW
LC96V7*-20R 580mW
LC96W7*-20R 590mW
LC96AA7*-20R 600mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com