Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC95 Datasheet(PDF) 4 Page - Bookham, Inc.

Part # LC95
Description  980nm Pump Laser Module - Grating Stabilized, 400mW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC95 Datasheet(HTML) 4 Page - Bookham, Inc.

  LC95 Datasheet HTML 1Page - Bookham, Inc. LC95 Datasheet HTML 2Page - Bookham, Inc. LC95 Datasheet HTML 3Page - Bookham, Inc. LC95 Datasheet HTML 4Page - Bookham, Inc. LC95 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
4
Connections
Pin #
Description
Pin #
Description
1
Peltier cooler (+)
8
Not connected
2
Thermistor
9
Not connected
3
Monitor anode (-)
10
Laser anode (+)
4
Monitor cathode (+)
11
Laser cathode (-)
5
Thermistor
12
Not connected
6
Not connected
13
Case ground
7
Not connected
14
Peltier cooler (-)
7
6
5
4
3
2
1
8
9 10 11 12 13 14



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com