Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC95 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # LC95
Description  980nm Pump Laser Module - Grating Stabilized, 400mW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC95 Datasheet(HTML) 1 Page - Bookham, Inc.

  LC95 Datasheet HTML 1Page - Bookham, Inc. LC95 Datasheet HTML 2Page - Bookham, Inc. LC95 Datasheet HTML 3Page - Bookham, Inc. LC95 Datasheet HTML 4Page - Bookham, Inc. LC95 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
1
These lasers are designed as pump sources for Erbium-
Doped Fiber Amplifier (EDFA) applications. Processes and
techniques of coupling the fiber to the laser allow high output
powers that are very stable with both time and temperature.
The grating is located in the pigtail to stabilize the wavelength.
Devices are available with kink free output powers to 400mW.
The LC95 series pump module utilises a double Fiber Bragg
Grating design for enhanced wavelength and power stability
performance. This product has been designed to ensure
superior wavelength locking over drive current, temperature
and optical feedback changes.
Features:
• Double Fiber Bragg Grating wavelength stabilization
• High output power, up to 400mW kink free
• Single-mode fiber pigtail
• Internal thermoelectric heatpump and
monitor photodiode
• Hermetically sealed 14-pin butterfly package
• Telcordia GR-468-CORE compliant
• Field proven high reliability
• RoHS compliant
Applications:
• Low noise EDFAs
• Dense wavelength division multiplexing
(DWDM) EDFAs
• CATV Applications
980nm Pump Laser Module -
Grating Stabilized, 400mW
LC95


Similar Part No. - LC95

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
976nm Laser Module Stabilized with Narrow-Bandwidth Grating
More results

Similar Description - LC95

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
269-Type 14xx nm Pump Laser Module with Fiber Grating
June 2001
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 300mW
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
976nm Laser Module Stabilized with Narrow-Bandwidth Grating
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
980nm Pump Laser Module, Uncooled
logo
JDS Uniphase Corporatio...
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com