Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC95 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LC95
Description  980nm Pump Laser Module - Grating Stabilized, 400mW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC95 Datasheet(HTML) 2 Page - Bookham, Inc.

  LC95 Datasheet HTML 1Page - Bookham, Inc. LC95 Datasheet HTML 2Page - Bookham, Inc. LC95 Datasheet HTML 3Page - Bookham, Inc. LC95 Datasheet HTML 4Page - Bookham, Inc. LC95 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
2
Characteristics
Parameter
Min
Typ
Max
Unit
Threshold current (I
th)
35
45
mA
Operating drive current (I
f)
A thru F
650
mA
G thru L
700
Forward voltage
1.9
2.5
V
Centre wavelength (l
c)
974
nm
Spectral width (RMS @ -13dB)
0.2
1
nm
Spectrum stability (t = 60s)
±0.2
nm
Temperature dependence of peak wavelength
0.02
nm/°C
Wavelength tolerance
±0.5
nm
Monitor detector responsivity
1.0
8
25
µA/mW
Monitor dark current
50
nA
Thermistor resistance (at 25°C)
9.5
10
10.5
k
Intended laser submount operating temperature
20
25
30
°C
Power Stability
Peak-to-peak, t = 60s,
DC to 50kHz sampling, T
c = 25°C
>20mW
0.2
dB
10 – 20mW
0.5
dB
3.5 – 10mW
1dB
Heatpump current (
∆T = 50°C, I
f = 700mA)
1.5
A
Heatpump voltage (
∆T = 50°C, I
f = 700mA)
2.8
V
Product with a tight fibre power Tracking Error specification is available on request.
Conditions unless otherwise stated:
Case temperature -20 to +75°C
Submount temperature 25°C
Monitor diode bias -5V
CW operation
Kink-free fiber-coupled output power:
LC95A74-20R
300mW
LC95G74-20R
360mW
(wavelength = 974nm)
LC95B74-20R
310mW
LC95H74-20R
370mW
LC95C74-20R
320mW
LC95J74-20R
380mW
LC95D74-20R
330mW
LC95K74-20R
390mW
LC95E74-20R
340mW
LC95L74-20R
400mW
LC95F74-20R
350mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com