Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW20P Datasheet (PDF) - Agere Systems

CW20P Datasheet PDF - Agere Systems
Part # CW20P
Download  CW20P Download
File Size   72.81 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module

CW20P Datasheet (PDF)

Go To PDF Page Download Datasheet
CW20P Datasheet PDF - Agere Systems

Part # CW20P
Download  CW20P Click to download

File Size   72.81 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module

CW20P Datasheet (HTML) - Agere Systems


CW20P Product details

Description
The CW20P-type laser modules are designed for use in transmission systems and high-speed data communication applications. The device supports 20 wavelengths. The module uses an RS-232 interface to adjust various module functions such as wavelength. In addition, the interface provides accessibility to the alarm and monitor outputs.

Features
■ Tunable up to twenty ITU-T 50 GHz channels
■ For use with lithium niobate modulators
■ Integrated Etalon stabilizer — Replaces external wavelength lockers
■ 1528.77 nm to 1610.0 nm wavelengths
■ Compact design
■ Remote programmability
■ Asynchronous serial interface for module communication
■ High output power, up to 20 mW
■ Low profile, 24-pin package
■ Laser bias monitor alarm
■ Module enable/disable input
   
Applications
■ SONET/SDH extended-reach
■ Long-haul, very dense, wave-division multiplexing (DWDM)
■ High-speed data communication
■ Flexible wavelength systems
   




Similar Part No. - CW20P

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CW20 WELWYN-CW20 Datasheet
71Kb / 2P
Tubular Cement Coated Wirewound Resistors
logo
TT Electronics.
CW20 TTELEC-CW20 Datasheet
72Kb / 2P
Tubular Cement Coated Wirewound Resistors
04.03
logo
M/A-COM Technology Solu...
CW2000-90-DOR MA-COM-CW2000-90-DOR Datasheet
158Kb / 2P
High Power CW Laser Diodes
CW2000-90-DTR MA-COM-CW2000-90-DTR Datasheet
158Kb / 2P
High Power CW Laser Diodes
CW2000-90-OOR MA-COM-CW2000-90-OOR Datasheet
158Kb / 2P
High Power CW Laser Diodes
More results


Similar Description - CW20P

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NUB611T NICHIA-NUB611T Datasheet
440Kb / 3P
Tunable Laser Module CORE
NUV603E NICHIA-NUV603E Datasheet
360Kb / 3P
Tunable Laser Module
NUV611T NICHIA-NUV611T Datasheet
421Kb / 3P
Tunable Laser Module CORE
NUV612T NICHIA-NUV612T Datasheet
420Kb / 3P
Tunable Laser Module CORE
NUV613T NICHIA-NUV613T Datasheet
424Kb / 3P
Tunable Laser Module CORE
NUV614T NICHIA-NUV614T Datasheet
420Kb / 3P
Tunable Laser Module CORE
NUB611T-E NICHIA-NUB611T-E Datasheet
244Kb / 3P
Tunable Laser Module CORE
NUV603E-E NICHIA-NUV603E-E Datasheet
232Kb / 3P
Tunable Laser Module
NUV613T-E NICHIA-NUV613T-E Datasheet
231Kb / 3P
Tunable Laser Module CORE
logo
Finisar Corporation.
S7500 FINISAR-S7500 Datasheet
395Kb / 8P
CW Tunable Laser ??Butterfly Package
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com