Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW20P Datasheet(PDF) 4 Page - Agere Systems

Part # CW20P
Description  CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CW20P Datasheet(HTML) 4 Page - Agere Systems

  CW20P Datasheet HTML 1Page - Agere Systems CW20P Datasheet HTML 2Page - Agere Systems CW20P Datasheet HTML 3Page - Agere Systems CW20P Datasheet HTML 4Page - Agere Systems CW20P Datasheet HTML 5Page - Agere Systems CW20P Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CW20P-Type
Advance Data Sheet, Rev. 1
CW Tunable, Wavelength-Stabilized Laser Module
June 2001
4
Agere Systems Inc.
Characteristics (continued)
1. Output power definitions and measurement per ITU-T Recommendation G.957.
2. Ratio of the average output power in the dominant longitudinal mode to the power in the most significant side mode under fully
modulated conditions.
Qualification and Reliability
To help ensure high product reliability and customer satisfaction, Agere Systems is committed to an intensive qual-
ity program that starts in the design phase and proceeds through the manufacturing process. Optoelectronics mod-
ules are qualified to Agere Systems internal standards using MIL-STD-883 test methods and procedures and using
sampling techniques consistent with
Telcordia Technologies requirements. This qualification program fully meets
the intent of
Telcordia reliability practices TR-NWT-000468 and TA-TSY-000983. In addition, the Agere Systems
design, development, and manufacturing facility has been certified to be in full compliance with the latest
ISO *
9001 Quality System Standards.
Laser Safety Information
Class IIIb Laser Product
All versions of the CW20P-type modules are classified as Class IIIb laser products per FDA/CDRH, 21 CFR 1040
Laser Safety requirements. The device will be classified with the FDA under an accession number to be deter-
mined.
This product complies with 21 CFR 1040.10 and 1040.11.
8
µm/125 µm diameter single-mode fiber pigtail with 914 µm tight-buffered jacket and connector.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
* ISO is a registered trademark of The International Organization for Standardization.
Table 3. Optical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Average Optical-Fiber Power Output (BOL)1
PF
13.0
—
—
dBm
Output Power Variation (BOL)
∆P
–0.5
—
0.5
dB
Frequency Drift
∆λC
–2.5
—
2.5
GHz
Center Wavelength Range (See Table 6.)
λC
1528.77
—
1610.53
nm
Side-mode Suppression Ratio 2
SMSR
32
—
—
dB
DANGER
INVISIBLE LASER RADIATION
IS EMITTED FROM THE END
OF FIBER OR CONNECTOR
Avoid direct exposure to beam
Do not view beam directly with
optical instruments
INVISIBLE LASER RADIATION EMITTED FROM END OF FIBER OR CONNECTOR
Avoid exposure to beam
Class IIIb Laser Product FDA/CDRH, 21 CFR 1040
Max. Output: 40 mW
Wavelength: 1.5
µm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com