Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCK4802 Datasheet (PDF) - Agere Systems

LCK4802 Datasheet PDF - Agere Systems
Part # LCK4802
Download  LCK4802 Download
File Size   156.72 Kbytes
Page   10 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Voltage PECL Differential Clock

LCK4802 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCK4802 Datasheet PDF - Agere Systems

Part # LCK4802
Download  LCK4802 Click to download

File Size   156.72 Kbytes
Page   10 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Voltage PECL Differential Clock

LCK4802 Datasheet (HTML) - Agere Systems


LCK4802 Product details

General Description
The LCK4802 is a low-voltage, 3.3 V PECL differential clock synthesizer. The LCK4802 supports two differential PECL output pairs with frequencies from 336 MHz to 1 GHz. The clock is designed to support single and multiple processor systems that require PECL differential inputs. The LCK4802 contains a fully integrated PLL (phase-locked loop) which multiplies the PECL_CLK input frequency to match individual processor clock frequencies. The PLL can be bypassed so that the PCLK outputs are fed from the PECL_CLK or PECL_CLK input for test purposes. All outputs are powered from a 2 V external supply to reduce on-chip power consumption. All outputs are PECL. The PLL can operate in the internal feedback mode, or in the external feedback mode for board level debugging
applications.

Features
■ Two fully selectable clock inputs.
■ Fully integrated PLL.
■ 336 MHz to 1 GHz output frequencies.
■ PECL outputs.
■ PECL reference clock.
■ 32-pin TQFP package.




Similar Part No. - LCK4802

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4801 AGERE-LCK4801 Datasheet
160Kb / 10P
Low-Voltage HSTL Differential Clock
July 2001
More results


Similar Description - LCK4802

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com