Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU3X54FTL Datasheet (PDF) - Agere Systems

LU3X54FTL Datasheet PDF - Agere Systems
Part # LU3X54FTL
Download  LU3X54FTL Download
File Size   669.42 Kbytes
Page   52 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description QUAD-FET for 10Base-T/100Base-TX/FX

LU3X54FTL Datasheet (PDF)

Go To PDF Page Download Datasheet
LU3X54FTL Datasheet PDF - Agere Systems

Part # LU3X54FTL
Download  LU3X54FTL Click to download

File Size   669.42 Kbytes
Page   52 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description QUAD-FET for 10Base-T/100Base-TX/FX

LU3X54FTL Datasheet (HTML) - Agere Systems


LU3X54FTL Product details

Introduction
Configuration
The LU3X54FTL is a four-channel, single-chip complete transceiver designed specifically for dual-speed 10Base-T, 100Base-TX, and 100Base-FX repeaters and switches. It supports simultaneous operation in three separate IEEE standard modes: 10Base-T, 100Base-TX, and 100Base-FX. The LU3X54FTL provides a 3.3 V or 5.0 V MII interface logic level.

Features
10 Mbits/s Transceiver
■ Compatible with IEEE * 802.3 10Base-T standard for twisted-pair cable
■ Autopolarity detection and correction
■ Adjustable squelch level for extended line length capability (two levels)
■ Interfaces with IEEE 802.3u media independent interface (MII) or a serial 10 Mbits/s 7-pin interface
■ On-chip filtering eliminates the need for external filters
■ Half- and full-duplex operations

100 Mbits/s TX Transceiver
■ Compatible with IEEE 802.3u MII (clause 22), PCS (clause 23), PMA (clause 24), autonegotiation (clause 28), and PMD (clause 25) specifications
■ Scrambler/descrambler bypass
■ Encoder/decoder bypass
■ 3-statable MII in 100 Mbits/s mode
■ Selectable carrier sense signal generation (CRS) asserted during either transmission or reception in half duplex (CRS asserted during reception only in full duplex)
■ Selectable MII or 5-bit code group interface
■ Full- or half-duplex operations
■ Optional carrier integrity monitor (CIM)
■ On-chip filtering and adaptive equalization that eliminates the need for external filters

100 Mbits/s FX Transceiver
■ Compatible with IEEE 802.3U 100Base-FX standard
■ Reuses existing twisted-pair I/O pins for compatible fiber-optic transceiver pseudo-ECL (PECL) data:
    — No additional data pins required
    — Reuses existing LU3X54FTL pins for fiber-optic signal detect (FOSD) inputs
■ Fiber mode automatically configures port:
    — Disables autonegotiation
    — Disables 10Base-T
    — Enables 100Base-FX remote fault signaling
    — Disables MLT-3 encoder/decoder
    — Disables scrambler/descrambler
■ FX mode enable is pin- or register-selectable on an individual per-port basis




Similar Part No. - LU3X54FTL

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LU3X54FT AGERE-LU3X54FT Datasheet
677Kb / 54P
QUAD-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
July 2000
More results


Similar Description - LU3X54FTL

ManufacturerPart #DatasheetDescription
logo
Agere Systems
3X38FTR AGERE-3X38FTR Datasheet
869Kb / 64P
OCTAL-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
September 2000
LU3X54FT AGERE-LU3X54FT Datasheet
677Kb / 54P
QUAD-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
July 2000
LU6612 AGERE-LU6612 Datasheet
528Kb / 36P
LU6612 FASTCAT TM Single-FET for 10Base-T/100Base-TX
July 2000
logo
Integrated Circuit Syst...
ICS1892 ICST-ICS1892 Datasheet
816Kb / 148P
10Base-T/100Base-TX Integrated PHYceiver
Rev.
logo
List of Unclassifed Man...
TP112 ETC-TP112 Datasheet
114Kb / 8P
100Base-TX/FX Converter
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
logo
Texas Instruments
TNETE2101 TI-TNETE2101 Datasheet
497Kb / 39P
10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com