Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU6612 Datasheet (PDF) - Agere Systems

LU6612 Datasheet PDF - Agere Systems
Part # LU6612
Download  LU6612 Download
File Size   528.55 Kbytes
Page   36 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description LU6612 FASTCAT TM Single-FET for 10Base-T/100Base-TX

LU6612 Datasheet (PDF)

Go To PDF Page Download Datasheet
LU6612 Datasheet PDF - Agere Systems

Part # LU6612
Download  LU6612 Click to download

File Size   528.55 Kbytes
Page   36 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description LU6612 FASTCAT TM Single-FET for 10Base-T/100Base-TX

LU6612 Datasheet (HTML) - Agere Systems


LU6612 Product details

Description
The LU6612 is a single-channel, single-chip complete transceiver designed specifically for dual-speed 10Base-T and 100Base-TX repeaters and switches.

LU6612 implements:
■ The 10Base-T transceiver function of IEEE 802.3u.
■ The physical coding sublayer (PCS) of IEEE 802.3u.
■ The physical medium attachment (PMA) of IEEE 802.3u.
■ Autonegotiation of IEEE 802.3u.
■ MII management of IEEE 802.3u.
■ Physical medium dependent (PMD) of IEEE 802.3u.

Features
10 Mbits/s Transceiver
■ Compatible with IEEE * 802.3u 10Base-T standard for twisted-pair cable
■ Autopolarity detection and correction
■ Adjustable squelch level for extended wire line length capability (2 levels)
■ Interfaces with IEEE 802.3u media independent interface (MII)
■ On-chip filtering eliminates the need for external filters
■ Half- and full-duplex operations

100 Mbits/s Transceiver
■ Compatible with IEEE 802.3u MII (clause 22), PCS (clause 23), PMA (clause 24), autonegotiation (clause 28), and PMD (clause 25) specifications
■ Scrambler/descrambler bypass
■ Encoder/decoder bypass
■ 3-statable MII in 100 Mbits/s mode
■ Selectable carrier sense signal generation (CRS asserted during either transmission or reception in half duplex, CRS asserted during reception only in full duplex)
■ Selectable MII or 5-bit code group interface
■ Half- or full-duplex operations
■ On-chip filtering and adaptive equalization that eliminates the need for external filters

General
■ Autonegotiation (IEEE 802.3u clause 28):
   — Fast link pulse (FLP) burst generator
   — Arbitration function
   — Accepts preamble suppression
   — Operates up to 12.5 MHz
■ Supports the station management protocol and frame format (clause 22):
   — Basic and extended registers
   — Supports next-page function
   — Accepts preamble suppression
   — Operates up to 12.5 MHz
■ Supports the following management functions via pins if station management is unavailable:
   — Speed select
   — Encoder/decoder bypass
   — Scrambler/descrambler bypass
   — Full duplex
   — Autonegotiation
■ Supports half- and full-duplex operations
■ Provides four status signals: receive/transmit activity, full duplex, link integrity, and speed indication
■ Powerdown mode for 10 Mbits/s and 100 Mbits/s operation
■ Loopback for 10 Mbits/s and 100 Mbits/s operation
■ 0.35 µm low-power CMOS technology
■ 64-pin TQFP
■ Single 5 V power supply




Similar Part No. - LU6612

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LU661 SEOUL-LU661 Datasheet
376Kb / 14P
INFRARED LAMP LED
LU661 SEOUL-LU661 Datasheet
360Kb / 13P
CYAN LAMP LED
LU661 SEOUL-LU661 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LU661 SEOUL-LU661 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LU661 SEOUL-LU661 Datasheet
378Kb / 14P
RED LAMP LED
More results


Similar Description - LU6612

ManufacturerPart #DatasheetDescription
logo
Agere Systems
3X38FTR AGERE-3X38FTR Datasheet
869Kb / 64P
OCTAL-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
September 2000
LU3X54FT AGERE-LU3X54FT Datasheet
677Kb / 54P
QUAD-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
July 2000
LU3X54FTL AGERE-LU3X54FTL Datasheet
669Kb / 52P
QUAD-FET for 10Base-T/100Base-TX/FX
July 2000
logo
Integrated Circuit Syst...
ICS1890 ICST-ICS1890 Datasheet
1Mb / 24P
10Base-T/100Base-TX Integrated PHYceiver-TM
RevG 10/21/97
ICS1892 ICST-ICS1892 Datasheet
816Kb / 148P
10Base-T/100Base-TX Integrated PHYceiver
Rev.
ICS1893AG ICST-ICS1893AG Datasheet
1Mb / 135P
3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
Rev. A 04/14/05
logo
List of Unclassifed Man...
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com