Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4E6 Datasheet (PDF) - Agere Systems

OR4E6 Datasheet PDF - Agere Systems
Part # OR4E6
Download  OR4E6 Download
File Size   3131.37 Kbytes
Page   124 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Field-Programmable Gate Arrays

OR4E6 Datasheet (PDF)

Go To PDF Page Download Datasheet
OR4E6 Datasheet PDF - Agere Systems

Part # OR4E6
Download  OR4E6 Click to download

File Size   3131.37 Kbytes
Page   124 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Field-Programmable Gate Arrays

OR4E6 Datasheet (HTML) - Agere Systems


OR4E6 Product details

Product Description
Architecture Overview
The ORCA Series 4 architecture is a new generation of SRAM-based programmable devices from Lucent Technologies Microelectronics Group. It includes enhancements and innovations geared toward today’s high-speed systems on a single chip. Designed with networking applications in mind, the Series 4 family incorporates system-level features that can further reduce logic requirements and increase system speed. ORCA Series 4 devices contain many new patented enhancements and are offered in a variety of packages and speed grades.

Programmable Features
■ High-performance platform design.
    — 0.13 µm seven-level metal technology.
    — Internal performance of >250 MHz (four logic levels).
    — I/O performance of >416 MHz for all user I/Os.
    — Over 1.5 million usable system gates.
    — Meets multiple I/O interface standards.
    — 1.5 V operation (30% less power than 1.8 V operation) translates to greater performance.
    — Embedded block RAM (EBR) for onboard storage and buffer needs.
    — Built-in system components including an internal system bus, eight PLLs, and microprocessor interface.
■ Traditional I/O selections.
    — LVTTL and LVCMOS (3.3 V, 2.5 V, and 1.8 V) I/Os.
    — Per pin-selectable I/O clamping diodes provide 3.3 V PCI compliance.
    — Individually programmable drive capability. 24 mA sink/12 mA source, 12 mA sink/6 mA source, or 6 mA sink/3 mA source.
    — Two slew rates supported (fast and slew-limited).
    — Fast-capture input latch and input flip-flop (FF)/ latch for reduced input setup time and zero hold time.
    — Fast open-drain drive capability.
    — Capability to register 3-state enable signal.
    — Off-chip clock drive capability.
    — Two-input function generator in output path.
■ New programmable high-speed I/O.
    — Single-ended: GTL, GTL+, PECL, SSTL3/2 (class I & II), HSTL (Class I, III, IV), zero-bus turn-around (ZBT*), and double data rate (DDR).
    — Double-ended: LDVS, bused-LVDS, LVPECL.
    — Customer defined: Ability to substitute arbitrary standard-cell I/O to meet fast moving standards.
■ New capability to (de)multiplex I/O signals.
    — New DDR on both input and output at rates up to 311 MHz (622 MHz effective rate).
    — Used to implement emerging RapidIO† backplane interface specification.
    — New 2x and 4x downlink and uplink capability per I/O (i.e., 104 MHz internal to 416 MHz I/O).
■ Enhanced twin-quad programmable function unit (PFU).
    — Eight 16-bit look-up tables (LUTs) per PFU.
    — Nine user registers per PFU, one following each LUT and organized to allow two nibbles to act independently, plus one extra for arithmetic carry/borrow operations.
(Continue ...)




Similar Part No. - OR4E6

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
OR4E02 LATTICE-OR4E02 Datasheet
2Mb / 152P
ORCASeries 4 FPGAs
OR4E02-1BA352C LATTICE-OR4E02-1BA352C Datasheet
2Mb / 152P
ORCASeries 4 FPGAs
OR4E02-1BA352I LATTICE-OR4E02-1BA352I Datasheet
2Mb / 152P
ORCASeries 4 FPGAs
OR4E02-1BM416C LATTICE-OR4E02-1BM416C Datasheet
2Mb / 152P
ORCASeries 4 FPGAs
OR4E02-1BM416I LATTICE-OR4E02-1BM416I Datasheet
2Mb / 152P
ORCASeries 4 FPGAs
More results


Similar Description - OR4E6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
Coprocessor Field Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
3C and 3T Field-Programmable Gate Arrays
June 1999
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
Field Programmable Gate Arrays
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
XC4000XLA/XV Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
Field Programmable Gate Arrays
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com