Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3T125 Datasheet (PDF) - Agere Systems

OR3T125 Datasheet PDF - Agere Systems
Part # OR3T125
Download  OR3T125 Download
File Size   4669.64 Kbytes
Page   210 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 3C and 3T Field-Programmable Gate Arrays

OR3T125 Datasheet (PDF)

Go To PDF Page Download Datasheet
OR3T125 Datasheet PDF - Agere Systems

Part # OR3T125
Download  OR3T125 Click to download

File Size   4669.64 Kbytes
Page   210 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 3C and 3T Field-Programmable Gate Arrays

OR3T125 Datasheet (HTML) - Agere Systems


OR3T125 Product details

Description
FPGA Overview
The ORCA Series 3 FPGAs are a new generation of SRAM-based FPGAs built on the successful OR2C/TxxA FPGA Series from Lucent Technologies Microelectronics Group, with enhancements and innovations geared toward today’s high-speed designs and tomorrow’s systems on a single chip. Designed from the start to be synthesis friendly and to reduce place and route times while maintaining the complete routability of the ORCA 2C/2T devices, Series 3 more than doubles the logic available in each logic block and incorporates system-level features that can further reduce logic requirements and increase system speed. ORCA Series 3 devices contain many new patented enhancements and are offered in a variety of packages, speed grades, and temperature ranges.

Features
■ High-performance, cost-effective, 0.35 µm (OR3C) and 0.3 µm (OR3T) 4-level metal technology, (4- or 5-input look-up table delay of 1.1 ns with -7 speed grade in 0.3 µm).
■ Same basic architecture as lower-voltage, advanced process technology Series 3 architectures. (See ORCA Series 3L FPGA documentation.)
■ Up to 186,000 usable gates.
■ Up to 452 user I/Os. (OR3Txxx I/Os are 5 V tolerant to allow interconnection to both 3.3 V and 5 V devices, selectable on a per-pin basis.)
■ Pin selectable I/O clamping diodes provide 5 V or 3.3 V PCI compliance and 5 V tolerance on OR3Txxx devices.
■ Twin-quad programmable function unit (PFU) architecture with eight 16-bit look-up tables (LUTs) per PFU, organized in two nibbles for use in nibble- or byte-wide functions. Allows for mixed arithmetic and logic functions in a single PFU.
■ Nine user registers per PFU, one following each LUT, plus one extra. All have programmable clock enable and local set/reset, plus a global set/reset that can be disabled per PFU.
■ Flexible input structure (FINS) of the PFUs provides a routability enhancement for LUTs with shared inputs and the logic flexibility of LUTs with independent inputs.
■ Fast-carry logic and routing to adjacent PFUs for nibble-, byte-wide, or longer arithmetic functions, with the option to register the PFU carry-out.
■ Softwired LUTs (SWL) allow fast cascading of up to three levels of LUT logic in a single PFU for up to 40% speed improvement.
■ Supplemental logic and interconnect cell (SLIC) provides 3-statable buffers, up to 10-bit decoder, and PAL*-like AND-OR with optional INVERT in each programmable logic cell (PLC), with over 50% speed improvement typical.
■ Abundant hierarchical routing resources based on routing two data nibbles and two control lines per set provide for faster place and route implementations and less routing delay.
■ TTL or CMOS input levels programmable per pin for the OR3Cxx (5.0 V) devices.
■ Individually programmable drive capability: 12 mA sink/6 mA source or 6 mA sink/3 mA source.
■ Built-in boundary scan (IEEE †1149.1 JTAG) and TS_ALL testability function to 3-state all I/O pins.
■ Enhanced system clock routing for low skew, high-speed clocks originating on-chip or at any I/O.
■ Up to four ExpressCLK inputs allow extremely fast clocking of signals on- and off-chip plus access to internal general clock routing.
■ StopCLK feature to glitchlessly stop/start ExpressCLKs independently by user command.
■ Programmable I/O (PIO) has:
    — Fast-capture input latch and input flip-flop (FF) latch for reduced input setup time and zero hold time.
    — Capability to (de)multiplex I/O signals.
    — Fast access to SLIC for decodes and PAL-like functions.
    — Output FF and two-signal function generator to reduce CLK to output propagation delay.
    — Fast open-drain dive capability
    — Capability to register 3-state enable signal.
■ Baseline FPGA family used in Series 3+ FPSCs (field programmable system chips) which combine FPGA logic and standard cell logic on one device.




Similar Part No. - OR3T125

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T125 AGERE-OR3T125 Datasheet
4Mb / 210P
3C and 3T Field-Programmable Gate Arrays
June 1999
OR3T125-5BA352 AGERE-OR3T125-5BA352 Datasheet
4Mb / 210P
3C and 3T Field-Programmable Gate Arrays
June 1999
OR3T125-5BA352I AGERE-OR3T125-5BA352I Datasheet
4Mb / 210P
3C and 3T Field-Programmable Gate Arrays
June 1999
OR3T125-5BC432 AGERE-OR3T125-5BC432 Datasheet
4Mb / 210P
3C and 3T Field-Programmable Gate Arrays
June 1999
OR3T125-5BC432I AGERE-OR3T125-5BC432I Datasheet
4Mb / 210P
3C and 3T Field-Programmable Gate Arrays
June 1999
More results


Similar Description - OR3T125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
Field-Programmable Gate Arrays
December 2000
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
Coprocessor Field Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
3C and 3T Field-Programmable Gate Arrays
June 1999
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
Field Programmable Gate Arrays
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
XC4000E and XC4000X Series Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
Field Programmable Gate Arrays
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com