Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R480 Datasheet (PDF) - Agere Systems

R480 Datasheet PDF - Agere Systems
Part # R480
Download  R480 Download
File Size   76.52 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications

R480 Datasheet (PDF)

Go To PDF Page Download Datasheet
R480 Datasheet PDF - Agere Systems

Part # R480
Download  R480 Click to download

File Size   76.52 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications

R480 Datasheet (HTML) - Agere Systems


R480 Product details

Description

The R480-Type 2.5 Gbits/s lightwave receiver is designed for use in SONET and synchronous digital hierarchy (SDH) telecommunications applications up to OC-48 and STM-16 data rates, and high-speed data communications applications.



Features

■ Multisourced footprint

■ Internal APD bias supply

■ Differential CML data output

■ APD and PIN versions

■ Typical sensitivity:

    —APD, –32 dBm

    —PIN, –23 dBm

■ Operation at 1.3 µm or 1.55 µm

■ TTL link status flag

■ Wide operating case temperature range:

    —APD, 0 °C to +85 °C

    —PIN, –40 °C to +85 °C

■ Space-saving, self-contained, 24-pin DIP

■ Agere Systems Inc. Reliability and Qualification Program for built-in quality

■ SONET/SDH compatible for OC-48/STM-16 data rate



 




Similar Part No. - R480

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R485 AGERE-R485 Datasheet
134Kb / 10P
R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
October 2001
R485CMAA AGERE-R485CMAA Datasheet
134Kb / 10P
R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
October 2001
R485CPAA AGERE-R485CPAA Datasheet
134Kb / 10P
R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
October 2001
R485CPBB AGERE-R485CPBB Datasheet
134Kb / 10P
R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
October 2001
R485FMAA AGERE-R485FMAA Datasheet
134Kb / 10P
R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
October 2001
More results


Similar Description - R480

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
December 2000
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
January 1998
R485 AGERE-R485 Datasheet
134Kb / 10P
R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
October 2001
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
August 2000
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
August 2000
logo
NXP Semiconductors
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
Lightwave Receiver
January 2000
logo
ON Semiconductor
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com