Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W3013 Datasheet (PDF) - Agere Systems

W3013 Datasheet PDF - Agere Systems
Part # W3013
Download  W3013 Download
File Size   145.12 Kbytes
Page   12 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description W3013 Indirect Quadrature Modulator with Gain Control

W3013 Datasheet (PDF)

Go To PDF Page Download Datasheet
W3013 Datasheet PDF - Agere Systems

Part # W3013
Download  W3013 Click to download

File Size   145.12 Kbytes
Page   12 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description W3013 Indirect Quadrature Modulator with Gain Control

W3013 Datasheet (HTML) - Agere Systems


W3013 Product details

Description
The W3013 is a monolithic integrated circuit that provides indirect, quadrature modulation of an RF carrier by I & Q baseband inputs. The function performed by the W3013 is particularly suited for handheld digital cellular and digital cordless telephones that operate between 800 MHz and 2.2 GHz.

Features
■ Low-voltage operation: 2.7 V
■ High-frequency operation: 2.2 GHz
■ High RF output power: –10 dBm
■ High-accuracy phase shifter, no trim required
■ Low carrier feedthrough: –45 dBc
■ Automatic power control (APC) capability
■ Low-current sleep mode
■ 20-pin TSSOP package

Applications
■ North American IS-136
■ Japan PDC (RCR STD 27)
■ Japan PHS (RCR STD 28)
■ GSM 900, 1800, and 1900 MHz
■ Narrowband CDMA
■ Digital satellite communications




Similar Part No. - W3013

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3013 PULSE-W3013 Datasheet
1Mb / 5P
ISM 868 MHz Ceramic Antenna
More results


Similar Description - W3013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2413 RFMD-RF2413 Datasheet
185Kb / 10P
GAIN CONTROLLED DUAL-CONVERSION QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com