Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFT2N02EL Datasheet (PDF) - Motorola, Inc

MMFT2N02EL Datasheet PDF - Motorola, Inc
Part # MMFT2N02EL
Download  MMFT2N02EL Download
File Size   250.77 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS

MMFT2N02EL Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFT2N02EL Datasheet PDF - Motorola, Inc

Part # MMFT2N02EL
Download  MMFT2N02EL Click to download

File Size   250.77 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS

MMFT2N02EL Datasheet (HTML) - Motorola, Inc


MMFT2N02EL Product details

Medium Power Field Effect Transistor
N–Channel Enhancement Mode
Silicon Gate TMOS E–FET™
SOT–223 for Surface Mount

This advanced E–FET is a TMOS Medium Power MOSFET designed to withstand high energy in the avalanche and commutation modes. This device is also designed with a low threshold voltage so it is fully enhanced with 5 Volts. This new energy efficient device also offers a drain–to–source diode with a fast recovery time. Designed for low voltage, high speed switching applications in power supplies, dc–dc converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients. The device is housed in the SOT–223 package which is designed for medium power surface mount applications.

• Silicon Gate for Fast Switching Speeds
• Low Drive Requirement to Interface Power Loads to Logic
   Level ICs, VGS(th) = 2 Volts Max
• Low RDS(on) — 0.15 Ω max
• The SOT–223 Package can be Soldered Using Wave or Reflow.
   The Formed Leads Absorb Thermal Stress During Soldering,
   Eliminating the Possibility of Damage to the Die
• Available in 12 mm Tape and Reel
   Use MMFT2N02ELT1 to order the 7 inch/1000 unit reel.
   Use MMFT2N02ELT3 to order the 13 inch/4000 unit reel.




Similar Part No. - MMFT2N02EL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMFT2N02EL ONSEMI-MMFT2N02EL Datasheet
231Kb / 10P
Power MOSFET
August, 2006 ??Rev. 5
More results


Similar Description - MMFT2N02EL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BS108 MOTOROLA-BS108 Datasheet
58Kb / 4P
200 VOLTS N-CHANNEL TMOS POWER FET LOGIC LEVEL
MMFT1N10E MOTOROLA-MMFT1N10E Datasheet
236Kb / 10P
MEDIUM POWER TMOS FET 1 AMP 100 VOLTS
MMFT2955E MOTOROLA-MMFT2955E Datasheet
178Kb / 10P
TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT3055EL MOTOROLA-MMFT3055EL Datasheet
236Kb / 10P
MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
MTB50N06EL MOTOROLA-MTB50N06EL Datasheet
97Kb / 4P
TMOS POWER FET LOGIC LEVEL 50 AMPERES 60 VOLTS
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
MTB75N03HDL MOTOROLA-MTB75N03HDL Datasheet
304Kb / 12P
TMOS POWER FET LOGIC LEVEL 75 AMPERES 25 VOLTS
MTD20N03HDL MOTOROLA-MTD20N03HDL Datasheet
250Kb / 12P
TMOS POWER FET LOGIC LEVEL 20 AMPERES 30 VOLTS RDS(on) = 0.035 OHM
MTD20N06HDL MOTOROLA-MTD20N06HDL Datasheet
293Kb / 12P
TMOS POWER FET LOGIC LEVEL 20 AMPERES 60 VOLTS RDS(on) = 0.045 OHM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com