Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFT2N02EL Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMFT2N02EL
Description  MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT2N02EL Datasheet(HTML) 5 Page - Motorola, Inc

  MMFT2N02EL Datasheet HTML 1Page - Motorola, Inc MMFT2N02EL Datasheet HTML 2Page - Motorola, Inc MMFT2N02EL Datasheet HTML 3Page - Motorola, Inc MMFT2N02EL Datasheet HTML 4Page - Motorola, Inc MMFT2N02EL Datasheet HTML 5Page - Motorola, Inc MMFT2N02EL Datasheet HTML 6Page - Motorola, Inc MMFT2N02EL Datasheet HTML 7Page - Motorola, Inc MMFT2N02EL Datasheet HTML 8Page - Motorola, Inc MMFT2N02EL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMFT2N02EL
5
Motorola TMOS Power MOSFET Transistor Device Data
RG
t
VDS
L
IL
VDD
Figure 9. Commutating Waveforms
tP
BVDSS
VDD
IL(t)
t, (TIME)
Figure 10. Commutating Safe Operating Area (CSOA)
15 V
VGS
0
90%
IFM
dlS/dt
IS
10%
trr
tfrr
0.25 IRM
IRM
ton
VDS
Vf
VdsL
VR
VDS(pk)
MAX. CSOA
STRESS AREA
Figure 11. Commutating Safe Operating Area
Test Circuit
+
–
+
–
Figure 12. Unclamped Inductive Switching
Test Circuit
VR
VGS
IFM
20 V
RGS
DUT
IS
Li
VR = 80% OF RATED VDSS
VdsL = Vf + Li ⋅ dlS/dt
Figure 13. Unclamped Inductive Switching
Waveforms
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
10
0
9
8
7
6
0
4
8
12
16
30
2
6
10
14
18
5
4
3
2
1
20 22 24 26 28
dIS/dt ≤ 400 A/µs
VDS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com