Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTA80N10T Datasheet (PDF) - IXYS Corporation

IXTA80N10T Datasheet PDF - IXYS Corporation
Part # IXTA80N10T
Download  IXTA80N10T Download
File Size   190.48 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description TrenchMVTM Power MOSFET

IXTA80N10T Datasheet (PDF)

Go To PDF Page Download Datasheet
IXTA80N10T Datasheet PDF - IXYS Corporation

Part # IXTA80N10T
Download  IXTA80N10T Click to download

File Size   190.48 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description TrenchMVTM Power MOSFET

IXTA80N10T Datasheet (HTML) - IXYS Corporation


IXTA80N10T Product details

VDSS = 100V

ID25 = 80A

RDS(on) ≤ 14mΩ



N-Channel Enhancement Mode

Avalanche Rated

Fast Intrinsic Diode



Features

International Standard Packages

175°C Operating Temperature

Avalanche Rated

High Current Handling Capability

Fast Intrinsic Diode

Low RDS(on)



Advantages

Easy to Mount

Space Savings

High Power Density



Applications

Automotive

- Motor Drives

- DC/DC Conversion

- 42V Power Bus

- ABS Systems

DC/DC Converters and Off-Line UPS

Primary Switch for 24V and 48V Systems

High Current Switching Applications

Distributed Power Architechtures and VRMs

Electronic Valve Train Systems




Similar Part No. - IXTA80N10T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTA80N10T ISC-IXTA80N10T Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTA80N10T7 IXYS-IXTA80N10T7 Datasheet
169Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
More results


Similar Description - IXTA80N10T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP130N10T IXYS-IXTP130N10T Datasheet
154Kb / 5P
TrenchMVTM Power MOSFET
IXTQ200N10T IXYS-IXTQ200N10T Datasheet
175Kb / 5P
TrenchMVTM Power MOSFET
IXTA220N055T IXYS-IXTA220N055T Datasheet
220Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTH160N10T IXYS-IXTH160N10T Datasheet
192Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA160N075T IXYS-IXTA160N075T Datasheet
179Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA180N10T7 IXYS-IXTA180N10T7 Datasheet
203Kb / 5P
PreliminaryTechnical Information TrenchMVTM Power MOSFET
IXTY44N10T IXYS-IXTY44N10T Datasheet
203Kb / 5P
TrenchMVTM Power MOSFET
IXTF280N055T IXYS-IXTF280N055T Datasheet
63Kb / 2P
TrenchMVTM Power MOSFET
IXTN200N10T IXYS-IXTN200N10T Datasheet
174Kb / 5P
TrenchMVTM Power MOSFET
IXTP180N085T IXYS-IXTP180N085T Datasheet
219Kb / 5P
TrenchMVTM Power MOSFET
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com