Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5689R Datasheet (PDF) - Analog Devices

AD5689R Datasheet PDF - Analog Devices
Part # AD5689R
Download  AD5689R Download
File Size   684.22 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface

AD5689R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5689R Datasheet PDF - Analog Devices

Part # AD5689R
Download  AD5689R Click to download

File Size   684.22 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface

AD5689R Datasheet (HTML) - Analog Devices


AD5689R Product details

GENERAL DESCRIPTION
The AD5689R/AD5687R members of the nanoDAC+™ family are low power, dual, 16-/12-bit buffered voltage output digital-to-analog converters (DACs). The devices include a 2.5 V, 2 ppm/°C internal reference (enabled by default) and a gain select pin giving a full-scale output of 2.5 V (gain = 1) or 5 V (gain = 2). The devices operate from a single 2.7 V to 5.5 V supply, are guaranteed monotonic by design, and exhibit less than 0.1% FSR gain error and 1.5 mV offset error performance. Both devices are available in a 3 mm × 3 mm LFCSP and a TSSOP package.

FEATURES
    High relative accuracy (INL): ±2 LSB maximum at 16 bits
    Low drift 2.5 V reference: 2 ppm/°C typical
    Tiny package: 3 mm × 3 mm, 16-lead LFCSP
    TUE: ±0.1% of FSR maximum
    Offset error: ±1.5 mV maximum
    Gain error: ±0.1% of FSR maximum
    High drive capability: 20 mA, 0.5 V from supply rails
    User-selectable gain of 1 or 2 (GAIN pin)
    Reset to zero scale or midscale (RSTSEL pin)
    1.8 V logic compatibility
    50 MHz SPI with readback or daisy chain
    Low glitch: 0.5 nV-sec
    Low power: 3.3 mW at 3 V
    2.7 V to 5.5 V power supply
    −40°C to +105°C temperature range

APPLICATIONS
    Optical transceivers
    Base station power amplifiers
    Process control (PLC I/O cards)
    Industrial automation
    Data acquisition systems




Similar Part No. - AD5689R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5689R AD-AD5689R Datasheet
851Kb / 28P
Dual, 16-/12-Bit nanoDAC
3/2017-Rev. A to Rev. B
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
Dual, 16-/12-Bit nanoDAC
3/2017-Rev. A to Rev. B
More results


Similar Description - AD5689R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623R AD-AD5623R Datasheet
1Mb / 28P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
12/06-Rev. 0 to Rev. A
AD5313R AD-AD5313R Datasheet
698Kb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5338R AD-AD5338R Datasheet
1Mb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5672R AD-AD5672R Datasheet
865Kb / 34P
Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Rev. B
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
1/2017-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com