Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5697R Datasheet (PDF) - Analog Devices

AD5697R Datasheet PDF - Analog Devices
Part # AD5697R
Download  AD5697R Download
File Size   1547.88 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface

AD5697R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5697R Datasheet PDF - Analog Devices

Part # AD5697R
Download  AD5697R Click to download

File Size   1547.88 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface

AD5697R Datasheet (HTML) - Analog Devices


AD5697R Product details

GENERAL DESCRIPTION
The AD5697R, a member of the nanoDAC+™ family, is a low power, dual, 12-bit buffered voltage output digital-to-analog converter (DAC). The device includes a 2.5 V, 2 ppm/°C internal reference (enabled by default) and a gain select pin giving a full-scale output of 2.5 V (gain = 1) or 5 V (gain = 2). The AD5697R operates from a single 2.7 V to 5.5 V supply, is guaranteed monotonic by design, and exhibits less than 0.1% FSR gain error and 1.5 mV offset error performance. The device is available in a 3 mm × 3 mm LFCSP and a TSSOP package.

FEATURES
    Low drift 2.5 V reference: 2 ppm/°C typical
    Tiny package: 3 mm × 3 mm, 16-lead LFCSP
    Total unadjusted error (TUE): ±0.1% of full-scale range (FSR) maximum
    Offset error: ±1.5 mV maximum
    Gain error: ±0.1% of FSR maximum
    High drive capability: 20 mA, 0.5 V from supply rails
    User selectable gain of 1 or 2 (GAIN pin)
    Reset to zero scale or midscale (RSTSEL pin)
    1.8 V logic compatibility
    Low glitch: 0.5 nV-sec
    400 kHz I2C-compatible serial interface
    Low power: 3.3 mW at 3 V
    2.7 V to 5.5 V power supply
    −40°C to +105°C temperature range

APPLICATIONS
    Base station power amplifiers
    Process controls (programmable logic controller [PLC] I/O cards)
    Industrial automation
    Data acquisition systems




Similar Part No. - AD5697R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5697R AD-AD5697R Datasheet
904Kb / 27P
Dual, 12-Bit nanoDAC
11/2016-Rev. A to Rev. B
AD5697RBCPZ-RL7 AD-AD5697RBCPZ-RL7 Datasheet
904Kb / 27P
Dual, 12-Bit nanoDAC
11/2016-Rev. A to Rev. B
AD5697RBRUZ AD-AD5697RBRUZ Datasheet
904Kb / 27P
Dual, 12-Bit nanoDAC
11/2016-Rev. A to Rev. B
AD5697RBRUZ-RL7 AD-AD5697RBRUZ-RL7 Datasheet
904Kb / 27P
Dual, 12-Bit nanoDAC
11/2016-Rev. A to Rev. B
AD5697R AD-AD5697R_16 Datasheet
904Kb / 27P
Dual, 12-Bit nanoDAC
11/2016-Rev. A to Rev. B
More results


Similar Description - AD5697R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5313R AD-AD5313R Datasheet
698Kb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5338R AD-AD5338R Datasheet
1Mb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5689R AD-AD5689R Datasheet
684Kb / 28P
Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5629R AD-AD5629R Datasheet
1Mb / 32P
Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5672R AD-AD5672R Datasheet
865Kb / 34P
Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Rev. B
AD5316R AD-AD5316R Datasheet
1Mb / 24P
Quad, 10-Bit nanoDAC Reference, I2C Interface
5/2017-Rev. B to Rev. C
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
4/2017-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com