Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9674 Datasheet (PDF) - Analog Devices

AD9674 Datasheet PDF - Analog Devices
Part # AD9674
Download  AD9674 Download
File Size   107.95 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal Ultrasound AFE with Digital Demodulator

AD9674 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9674 Datasheet PDF - Analog Devices

Part # AD9674
Download  AD9674 Click to download

File Size   107.95 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal Ultrasound AFE with Digital Demodulator

AD9674 Datasheet (HTML) - Analog Devices


AD9674 Product details

GENERAL DESCRIPTION
The AD9674 is designed for low cost, low power, small size, and ease of use for medical ultrasound. It contains eight channels of a VGA with an LNA, a CW harmonic rejection I/Q demodulator with programmable phase rotation, an AAF, an ADC, a digital HPF, and RF decimation by 2.

FEATURES
   8 channels of LNA, VGA, AAF, ADC, and digital RF decimator
      Low power: 150 mW per channel, TGC mode, 40 MSPS;
         62.5 mW per channel, CW mode; <30 mW in power-down
      Time gain compensation (TGC) channel input referred noise:
         0.82 nV/√Hz, maximum gain
      Flexible power-down modes
      Fast recovery from low power standby mode: <2 μs
   Low noise preamplifier (LNA)
      Input referred noise voltage: 0.78 nV/√Hz, gain = 21.6 dB
      Programmable gain: 15.6 dB/17.9 dB/21.6 dB
      0.1 dB compression: 1.00 V p-p/
         0.75 V p-p/0.45 V p-p
      Flexible active input impedance matching
   Variable gain amplifier (VGA)
      Attenuator range: 45 dB, linear in dB gain control
      Postamplifier gain (PGA): 21 dB/24 dB/27 dB/30 dB
   Antialiasing filter (AAF)
      Programmable second-order low-pass filter (LPF) from 8 MHz
         to 18 MHz or 13.5 MHz to 30 MHz and high-pass filter (HPF)
   Analog-to-digital converter (ADC)
      Signal-to-noise ratio (SNR): 75 dB, 14 bits up to 125 MSPS
   Configurable serial low voltage differential signaling (LVDS)
   Continuous wave (CW) Doppler mode harmonic rejection I/Q
      demodulator
      Individual programmable phase rotation
      Dynamic range per channel: >160 dBFS/√Hz
      Close in SNR: 156 dBc/√Hz, 1 kHz offset, −3 dBFS input
   Radio frequency (RF) digital HPF and decimation by 2
   10 mm × 10 mm, 144-ball CSP_BGA

APPLICATIONS
   Medical imaging/ultrasound
   Nondestructive Testing (NDT)




Similar Part No. - AD9674

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9674 AD-AD9674 Datasheet
963Kb / 48P
Octal Ultrasound Analog Front End
23-Feb-2017
AD9674KBCZ AD-AD9674KBCZ Datasheet
963Kb / 48P
Octal Ultrasound Analog Front End
23-Feb-2017
AD9674 AD-AD9674_17 Datasheet
963Kb / 48P
Octal Ultrasound Analog Front End
23-Feb-2017
More results


Similar Description - AD9674

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
logo
Analog Devices
AD9675 AD-AD9675 Datasheet
80Kb / 2P
Octal Ultrasound AFE with JESD204B
Rev. PrB
AD9670EBZ AD-AD9670EBZ Datasheet
78Kb / 2P
Octal Ultrasound AFE With Digital Demodulator
Rev. Sp0
logo
Texas Instruments
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
16-Channel Ultrasound AFE
logo
Analog Devices
AD9670 AD-AD9670_17 Datasheet
828Kb / 53P
Octal Ultrasound AFE with Digital Demodulator
08-Aug-2017
AD9671 AD-AD9671 Datasheet
937Kb / 61P
Octal Ultrasound AFE with Digital Demodulator
08-Aug-2017
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
logo
Maxim Integrated Produc...
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com