Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9675 Datasheet (PDF) - Analog Devices

AD9675 Datasheet PDF - Analog Devices
Part # AD9675
Download  AD9675 Download
File Size   80.21 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal Ultrasound AFE with JESD204B

AD9675 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9675 Datasheet PDF - Analog Devices

Part # AD9675
Download  AD9675 Click to download

File Size   80.21 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal Ultrasound AFE with JESD204B

AD9675 Datasheet (HTML) - Analog Devices


AD9675 Product details

GENERAL DESCRIPTION
The AD9675 is designed for low cost, low power, small size, and ease of use for medical ultrasound. It contains eight channels of a variable gain amplifier (VGA) with a low noise preamplifier (LNA), a CW harmonic rejection I/Q demodulator with programmable phase rotation, an anti-aliasing filter (AAF), an analog-to-digital converter (ADC), a digital highpass filter and an RF decimation by 2. Each channel features a maximum gain of up to 52 dB, a fully differential signal path, and an active input preamplifier termination. The channel is optimized for high dynamic performance and low power in applications where a small package size is critical.
The LNA has a single-ended-to-differential gain that is selectable through the SPI. Assuming a 15 MHz noise bandwidth (NBW) and a 21.6 dB LNA gain, the LNA input SNR is 94 dB. In CW Doppler mode, each LNA output drives an I/Q demodulator that has independently programmable phase rotation with 16 phase settings.
Power-down of individual channels is supported to increase battery life for portable applications. Standby mode allows quick power-up for power cycling. In CW Doppler operation, the VGA, AAF, and ADC are powered down. The ADC contains several features designed to maximize flexibility and minimize system cost, such as a programmable clock, data alignment, and programmable digital test pattern generation. The digital test patterns include built-in fixed patterns, built-in pseudo random patterns, and custom user-defined test patterns entered via the serial port interface.

FEATURES
   8 channels of LNA, VGA, AAF, ADC, and digital RF decimator
      Low power: 150 mW per channel, TGC mode, 40 MSPS;
         65mW per channel, CW mode; <30mW at power-up
      10 mm × 10 mm, 144-ball CSP-BGA
      TGC channel input-referred noise: 0.8 nV/√Hz, max gain
      Flexible power-down modes
      Fast recovery from low power standby mode: <2 μs
      Overload recovery: <10 ns
   Low noise preamplifier (LNA)
      Input-referred noise: 0.78 nV/√Hz, gain = 21.6 dB
      Programmable gain: 15.6 dB/17.9 dB/21.6 dB
      0.1 dB compression: 1000 mV p-p/750 mV p-p/450 mV p-p
      Flexible active input impedance matching
   Variable gain amplifier (VGA)
      Attenuator range: 45dB, Linear-in-dB gain control
      Postamp gain (PGA): 21 dB/24 dB/27 dB/30 dB
   Antialiasing filter (AAF)
      Programmable second-order LPF from 8 MHz to 18 MHz or
         13.5MHz to 30MHz and HPF
   Analog-to-digital converter (ADC)
      SNR: 75dB, 14 bits up to 125 MSPS
   JESD204B Subclass 0 coded serial digital outputs
   CW mode harmonic rejection I/Q demodulator
      Individual programmable phase rotation
      Output dynamic range per channel: >160 dBc/√Hz
      Output-referred SNR: 156 dBc/√Hz, 1 kHz offset, −3dBFS
   RF digital high-pass filter and decimation by 2




Similar Part No. - AD9675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9675 AD-AD9675 Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
AD9675KBCZ AD-AD9675KBCZ Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
More results


Similar Description - AD9675

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
logo
Analog Devices
AD9674 AD-AD9674 Datasheet
107Kb / 2P
Octal Ultrasound AFE with Digital Demodulator
Rev. Sp0
AD9670EBZ AD-AD9670EBZ Datasheet
78Kb / 2P
Octal Ultrasound AFE With Digital Demodulator
Rev. Sp0
logo
Texas Instruments
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
16-Channel Ultrasound AFE
logo
Analog Devices
AD9670 AD-AD9670_17 Datasheet
828Kb / 53P
Octal Ultrasound AFE with Digital Demodulator
08-Aug-2017
AD9671 AD-AD9671 Datasheet
937Kb / 61P
Octal Ultrasound AFE with Digital Demodulator
08-Aug-2017
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
logo
Maxim Integrated Produc...
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com