Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9119-EBZ Datasheet (PDF) - Analog Devices

AD9119-EBZ Datasheet PDF - Analog Devices
Part # AD9119-EBZ
Download  AD9119-EBZ Download
File Size   2723.93 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter

AD9119-EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9119-EBZ Datasheet PDF - Analog Devices

Part # AD9119-EBZ
Download  AD9119-EBZ Click to download

File Size   2723.93 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter

AD9119-EBZ Datasheet (HTML) - Analog Devices


AD9119-EBZ Product details

GENERAL DESCRIPTION

The AD9119/AD9129 are high performance, 11-/14-bit RF digital to-analog converters (DACs) supporting data rates up to 2.8 GSPS. The DAC core is based on a quad-switch architecture that enables dual-edge clocking operation, effectively increasing the DAC update rate to 5.6 GSPS when configured for Mix-Mode™ or 2× interpolation. The high dynamic range and bandwidth enable multicarrier generation up to 4.2 GHz.



FEATURES

DAC update rate: up to 5.6 GSPS

Direct RF synthesis at 2.8 GSPS data rate

  DC to 1.4 GHz in baseband mode

  DC to 1.0 GHz in 2× interpolation mode

  1.4 GHz to 4.2 GHz in Mix-Mode

Bypassable 2× interpolation

Excellent dynamic performance

Supports DOCSIS 3.0 wideband ACLR/harmonic performance

   8 QAM carriers: ACLR > 65 dBc

Industry-leading single/multicarrier IF or RF synthesis

  4-carrier W-CDMA ACLR at 2457.6 MSPS

   fOUT = 900 MHz, ACLR = 71 dBc (baseband mode)

   fOUT = 2100 MHz, ACLR = 68 dBc (Mix-Mode)

   fOUT = 2700 MHz, ACLR = 67 dBc (Mix-Mode)

Dual-port LVDS and DHSTL data interface

  Up to 1.4 GSPS operation

  Source synchronous DDR clocking with parity bit

Low power: 1.0 W at 2.8 GSPS (1.3 W at 5.6 GSPS)



APPLICATIONS

Broadband communications systems

  CMTS/VOD

  Wireless infrastructure: W-CDMA, LTE, point-to-point

Instrumentation, automatic test equipment (ATE)

Radars, jammers




Similar Part No. - AD9119-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9119-EBZ AD-AD9119-EBZ Datasheet
2Mb / 66P
RF Digital-to-Analog Converter
6/2017-Rev. A to Rev. B
More results


Similar Description - AD9119-EBZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9739A AD-AD9739A Datasheet
1Mb / 44P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
AD9699 AD-AD9699 Datasheet
7Mb / 121P
14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
5/2021-Revision 0
AD9161 AD-AD9161 Datasheet
2Mb / 144P
11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com