Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4612 Datasheet (PDF) - Analog Devices

ADN4612 Datasheet PDF - Analog Devices
Part # ADN4612
Download  ADN4612 Download
File Size   64.64 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.3 Gbps 12X12 Digital Crosspoint

ADN4612 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4612 Datasheet PDF - Analog Devices

Part # ADN4612
Download  ADN4612 Click to download

File Size   64.64 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.3 Gbps 12X12 Digital Crosspoint

ADN4612 Datasheet (HTML) - Analog Devices


ADN4612 Product details

GENERAL DESCRIPTION
The ADN4612 is a 12 × 12 asynchronous, protocol agnostic, digital crosspoint switch with 12 differential PECL-/CML-compatible inputs and 12 differential CML outputs.
The ADN4612 is optimized for nonreturn-to-zero (NRZ) signaling with data rates of up to 11.3 Gbps per port. Each port provides programmable input equalization, loss of signal (LOS) detection, programmable output swing, and output preemphasis/deemphasis.

FEATURES
   DC to 11.3 Gbps per port, NRZ data rate
   Multitime constant, programmable receive equalization
      Compensates 25 inches of FR408 at 10.3125 Gbps
      Compensates 15 inches of FR408 at 11.3 Gbps
   6-tap programmable transmit feedforward equalization (FFE)
      Compensates 15 inches of FR408 at 10.3125 Gbps
      Compensates 10 inches of FR408 at 11.3 Gbps
   Low power
      150 mW per channel at 2.5 V (outputs enabled)
   12 × 12, fully differential, nonblocking array
   Double rank connection programming
   2-pin selectable connection maps
   Per lane lost of signal (LOS) detection
   Flexible output termination supply range (1.8 V to 3.3 V)
   DC- or ac-coupled differential CML inputs and outputs
   Programmable CML output levels
   Load from EEPROM for automatic power-on ready operation
   Per lane input and output P/N pair inversion for routing ease
   50 Ω on-chip input/output termination
   Supports 64-bit/66-bit, scrambled or not coded NRZ data up
      to 11.3 Gbps
   Serial (I2C or SPI slave) control interface
   88-lead LFCSP, 12 mm × 12 mm, Pb-free package
   −40°C to +85°C operating temperature range

APPLICATIONS
   Fiber optic network switching
   10 Gigabit Ethernet over backplane 10GBASE-KR 802.3ap
   XLAUI/CAUI (802.3ba)
   SONET OC-192/STM-64x
   1×, 2×, 4×, 8×, and 10× Fibre Channel




Similar Part No. - ADN4612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4612 AD-ADN4612 Datasheet
1Mb / 76P
11.3 Gbps, 12 × 12 Digital Crosspoint Switch
Rev. C
ADN4612-EVALZ AD-ADN4612-EVALZ Datasheet
1Mb / 76P
11.3 Gbps, 12 × 12 Digital Crosspoint Switch
Rev. C
ADN4612ACPZ AD-ADN4612ACPZ Datasheet
1Mb / 76P
11.3 Gbps, 12 × 12 Digital Crosspoint Switch
Rev. C
ADN4612 AD-ADN4612_V01 Datasheet
1Mb / 76P
11.3 Gbps, 12 × 12 Digital Crosspoint Switch
Rev. C
More results


Similar Description - ADN4612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
11.3-Gbps Limiting Amplifier
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
11.3-GBPS DIFFERENTIAL VCSEL DRIVER
logo
Vitesse Semiconductor C...
VSC3312 VITESSE-VSC3312 Datasheet
665Kb / 2P
6.5 Gbps 12x12 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
11.3 Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
11.3 Gbps Limiting Amplifier
logo
Vitesse Semiconductor C...
VSC3312YP VITESSE-VSC3312YP Datasheet
1Mb / 2P
6.5 Gbps 12x12 Crosspoint Switch
logo
Texas Instruments
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
11.3-Gbps Limiting Amplifier
logo
Analog Devices
ADN3010-11 AD-ADN3010-11 Datasheet
199Kb / 10P
11.3 Gbps Optical Receiver
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com