Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4612 Datasheet (PDF) - Analog Devices

ADN4612 Datasheet PDF - Analog Devices
Part # ADN4612
Download  ADN4612 Download
File Size   1777.22 Kbytes
Page   76 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.3 Gbps, 12 × 12 Digital Crosspoint Switch

ADN4612 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4612 Datasheet PDF - Analog Devices

Part # ADN4612
Download  ADN4612 Click to download

File Size   1777.22 Kbytes
Page   76 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.3 Gbps, 12 × 12 Digital Crosspoint Switch

ADN4612 Datasheet (HTML) - Analog Devices


ADN4612 Product details

FEATURES
DC to 11.3 Gbps per port, NRZ data rate
Multitime constant, programmable receive equalization
Compensates 25 inches of FR408 at 10.3125 Gbps
Compensates 15 inches of FR408 at 11.3 Gbps
6-tap programmable transmit feedforward equalization (FFE)
Compensates 15 inches of FR408 at 10.3125 Gbps
Compensates 10 inches of FR408 at 11.3 Gbps
Low power
150 mW per channel at 2.5 V (outputs enabled)
12 × 12, fully differential, nonblocking array
Double rank connection programming
2-pin selectable connection maps
Per lane lost of signal (LOS) detection
Flexible output termination supply range (1.8 V to 3.3 V)
DC- or ac-coupled differential CML inputs and outputs
Programmable CML output levels
Load from EEPROM for automatic power-on ready operation
Per lane input and output P/N pair inversion for routing ease
50 Ω on-chip input/output termination
Supports 64-bit/66-bit, scrambled or not coded NRZ data up to 11.3 Gbps
Serial (I2C or SPI slave) control interface
88-lead LFCSP, 12 mm × 12 mm, Pb-free package
−40°C to +85°C operating temperature range

APPLICATIONS
Fiber optic network switching
10 Gigabit Ethernet over backplane 10GBASE-KR 802.3ap
XLAUI/CAUI (802.3ba)
SONET OC-192/STM-64x
1×, 2×, 4×, 8×, and 10× Fibre Channel




Similar Part No. - ADN4612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4612 AD-ADN4612 Datasheet
64Kb / 2P
11.3 Gbps 12X12 Digital Crosspoint
Rev. Sp0
More results


Similar Description - ADN4612

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8152 AD-AD8152 Datasheet
1Mb / 32P
34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
1/03-Data Sheet changed from REV. 0 to REV. A.
AD8156 AD-AD8156 Datasheet
537Kb / 20P
6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
5/07-Revision 0
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4605 AD-ADN4605 Datasheet
2Mb / 56P
4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
REV. 0
ADN4612 AD-ADN4612 Datasheet
64Kb / 2P
11.3 Gbps 12X12 Digital Crosspoint
Rev. Sp0
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
Digital Crosspoint Switch
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com