Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8156 Datasheet (PDF) - Analog Devices

AD8156 Datasheet PDF - Analog Devices
Part # AD8156
Download  AD8156 Download
File Size   537.58 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ

AD8156 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8156 Datasheet PDF - Analog Devices

Part # AD8156
Download  AD8156 Click to download

File Size   537.58 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ

AD8156 Datasheet (HTML) - Analog Devices


AD8156 Product details

GENERAL DESCRIPTION
The AD8156, a member of the Xstream line of products, is a high speed, fully differential, digital crosspoint switch. The part can function as a 4 × 4 crosspoint switch with double-latched memory, allowing simultaneous updates, or as a dual 2 × 2 with direct output control. The AD8156 has low power dissipation, typically 700 mW on 3.3 V with all outputs and input equalizers active. It operates at any data rate from dc to 6.25 Gbps per port.
Each input channel on the AD8156 has a programmable input equalizer to compensate for signal loss over a backplane.

FEATURES
   4 × 4, fully differential, nonblocking array
   Configurable for dual 2 × 2 operation
   DC to 6.25 Gbps per channel, NRZ data rate
   Programmable input equalization compensates for over 40”
      of FR-4 at 6.25 Gbps
   Multicast and broadcast modes of operation
   Programmable output swing
      100 mV p-p to 1.6 V p-p differential
   Power supply: 3.3 V (±10%)
   Low power
      No EQ: 400 mW typical
      Maximum EQ: 700 mW typical
   Inputs: ac-coupled or dc-coupled
   Wide set of dc-coupled input standards
      3.3 V/2.5 V/1.8 V CML or 3.3 V LVPECL
   Control: LVTTL- or LVCMOS-compatible
   Low additive jitter: 25 ps p-p typical
   Low random jitter: 0.8 ps rms
   Integrated 50 Ω termination impedance at inputs/outputs
   Individual output disable for power savings
   49-ball, 8 mm × 8 mm BGA, 1 mm pitch

APPLICATIONS
   Backplane equalization
   SONET/SDH
   Gigabit Ethernet
   XAUI
   Fibre Channel




Similar Part No. - AD8156

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8156 AD-AD8156 Datasheet
534Kb / 20P
Digital Crosspoint Switch with EQ
REV. 0
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
Digital Crosspoint Switch with EQ
REV. 0
More results


Similar Description - AD8156

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8152 AD-AD8152 Datasheet
1Mb / 32P
34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
1/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4612 AD-ADN4612 Datasheet
64Kb / 2P
11.3 Gbps 12X12 Digital Crosspoint
Rev. Sp0
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
Gbps 2X2 LVDS Crosspoint Switch
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
Digital Crosspoint Switch
REV. B
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
Digital Crosspoint Switch with EQ
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com